Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2Z1 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3F2-R2Z1
Description  M18 Cylindrical Photoelectric
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2Z1 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3F2-R2Z1 Datasheet HTML 5Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 6Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 7Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 9Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 10Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 11Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 12Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
E3F2
E3F2
9
Operation Table – continued from previous page
Configuration
Model
Connection
method
Output
transistor
Output circuit
PNP
connector
E3F2-7B4-P1
E3F2-7B4-M1-M
E3F2-7B4-M1-C
E3F2-7B4-M1-S
E3F2-R2B4-P1
E3F2-R2RB4-M1
-M
E3F2-R2RB4-M1
-C
E3F2-R2RB4-M1
-S
E3F2-DS10B4-
P1
Connect the
pink and
brown wires
or open the
pink wire.
ON when
light is
incident.
(Light-ON)
Main
circuit
Light indicator
Red
100 mA max.
(control
output)
Blue
Black
Load
ZD
Brown (1) (See Note.)
(Mode selection)
ZD:VZ = 36 V
10 to
30 VDC
(4)
(3)
Pink (2)
P1
E3F2-DS10B4-
M1-M
E3F2-DS10B4-
M1-C
E3F2-DS10B4-
M1-S
E3F2-DS30B4-
P1
E3F2-DS30B4-
M1-M
E3F2-DS30B4-
M1-S
Connect the
pink and
blue wires.
ON when
light is in-
terrupted.
(Dark-ON)
(Mode selection)
100 mA max.
(control
output)
Blue
Black
Load
ZD
Main
circuit
Light indicator
Red
Brown (1) (See Note.)
10 to
30 VDC
ZD:VZ = 36 V
Pink
(4)
(3)
(2)
AC switching
E3F2-3Z1
E3F2-R2Z1
E3F2-DS10Z1-N
--- (Fixed)
ON when
light is
incident.
(Light-ON)
Main
Load
Light indicator
Brown
E3F2-3Z2
E3F2-R2Z2
E3F2-DS10Z2-N
ON when
light is in-
terrupted.
(Dark-ON)
200 mA max.
(control output)
Main
circuit
Red
Blue
Black
24 to
240 VAC
Blue
Note: Terminal numbers are for connector types.
J TIMING CHART
Light-ON Mode
Dark-ON Mode
Light indicator
(red)
Control
output
Load
(relay)
ON
OFF
ON
OFF
Operate
Release
Light indicator
(red)
Control
output
Load
(relay)
ON
OFF
ON
OFF
Operate
Release
Incident
Interrupted
Incident
Interrupted
Terminals/Connections
1
2
3
4
Output
0 V
Vcc
Mode selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com