Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2Z1 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E3F2-R2Z1
Description  M18 Cylindrical Photoelectric
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2Z1 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E3F2-R2Z1 Datasheet HTML 6Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 7Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 9Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 10Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 11Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 12Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 13Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
E3F2
E3F2
12
E39-RSA Reflector
E39-RSB Reflector
35 (1.38)
33 (1.30)
8
0.7 (0.03)
Four, R1
Adhesive
tape
Reflecting
surface
0.7 (0.03)
Four, R1
33
(1.30)
40 (1.57)
38 (1.50)
Adhesive
tape
Reflecting
surface
35
(1.38)
10 (0.39)
16.0 (0.63)
15.7 (0.62)
6.1
(0.24)
9.2
(0.36)
5-40 SUS set screw
45
°x0.5 all around
M18x1 internal threads
22.0 (0.87)
45
°
3.0 (0.12)
3.3 (0.13)
18.5 (0.73)
8.9 (0.35)
6x2 mm
30 TYP.
10.6 (0.42)
4.0 (0.16)
23.9 (0.94)
20.5 (0.81)
28.7 (1.13)
14.1
(0.56)
24.6 (0.97)
E39-RU1 Right Angle Adapter
Mounting E39-RU1
Do not exceed a torque value of 20 kg
S cm (2.0 N S m, 17.4 in S lbs) when tightening the adapter onto the sensor.
Use a 1/16” (1.5 mm) hex key on the set screw to secure the adapter to the E3F2. Do not exceed a torque of 3.5 kg
S cm (0.35 N S m, 3.0
in
S lbs). When set properly, the set screw will still extend beyond the adapter wall. Make sure to loosen the set screw before removing the
adapter from the sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com