Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2Z1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3F2-R2Z1
Description  M18 Cylindrical Photoelectric
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2Z1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3F2-R2Z1 Datasheet HTML 1Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 2Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 3Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 4Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 5Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 6Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 7Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
E3F2
E3F2
4
J AC MODELS
Part number
E3F2-3Z1, E3F2-3Z2
E3F2-R2Z1, E3F2-R2Z2
E3F2-DS10Z1N, E3F2-DS10Z2N
Method of detection
Through-beam
Retroreflective
Diffuse
Sensing range
3 m (9.84 ft)
2 m (6.56 ft)
10 cm (3.94 in)
Standard target
11 mm
56 mm
10 x 10 cm 90% Kodak white card
Supply voltage
24–240 VAC
±10%, 50/60 Hz
Output
SCR 200 mA max.; residual voltage 5 V max. at 200 mA
Power consumption
10 mA max.
5 mA max.
Response time
30 ms max.
Stabilization on Powerup
100 ms
Ambient temperature
Operating
–25
°C to 55°C (–13°F to 131°F) with no icing
Storage
–30
°C to 70°C (–22°F to 158°F)
Ambient light immunity
Incandescent: 3,000 x; sunlight: 10,000 x
Relative humidity
Operating
35% to 85% RH, no condensation
y
Storage
35% to 95% RH
Insulation resistance
20 M
Ω at 500 VDC between current carrying parts and case
Dielectric strength
1,500 VAC, 50/60 Hz for 1 min. between current carrying parts and case
Vibration
10 to 55 Hz 1.5 mm double amplitude 2 hrs each in X, Y, Z axes
Shock
500 m/s2 (approx. 50 G)
Enclosure
IP66, NEMA 1, 2, 4 (indoor)
Light source
Infrared LED
Indicators
Power and light received LEDs
Sensitivity adjustment
Fixed
Operation mode
Light-ON (Z1 models) or Dark-ON (Z2 models)
Weight
Pre-leaded models
110 g
g
Connector models
55 g
Circuit protection
—
Materials
Lens
Acrylate resin
Housing
Plastic ABS
Cable sheath
PVC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com