Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2Z1 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E3F2-R2Z1
Description  M18 Cylindrical Photoelectric
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2Z1 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E3F2-R2Z1 Datasheet HTML 6Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 7Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 9Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 10Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 11Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 12Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 13Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
E3F2
E3F2
11
J AC MODELS
E3F2-3Z1, E3F2-3Z2
E3F2-R2Z1, E3F2-R2Z2
E3F2-DS10Z1-N,
E3F2-DS10Z2-N
24
(0.95)
90 (3.54)
67.3 (2.65)
62 (2.44)
M18 x 1
5
8
4
Light indicator
5 dia.
Diffuse and Retroreflective (AC)
Vinyl insulated round cord, 4-mm dia. (11/0.16),
3-conductor (brown, blue, and black)
Standard length: 2 m
16.8 dia.
Receiver
Emitter
22
(0.87)
6.2
(0.24)
3.1
(0.12)
Through-beam (AC)
Emitter:
Polyvinyl chloride-covered cord, 4-mm
dia. (11/0.16), 2-conductor (brown and
blue)
Standard length:
2 m
Receiver: Polyvinyl chloride-covered cord, 4-mm
dia. (11/0.16), 3-conductor (brown,
blue, and black)
Standard length:
2 m
J ACCESSORIES
E39-R1 Reflector (included with retroreflective units)
E39-L7 Reflector Adapter (order separately)
7.5 (0.30)
2.7 (0.11)
34 (1.34)
7 (0.28)
1.6
(0.06)
52
(2.05)
59.9
(2.36)
8 (0.31)
39.3 (1.55)
34 (1.34)
52
(2.05)
59
(2.32)
2-M3
Nut (M5)
12
(0.47)
M5
Spring washer (M5)
2-3.5 (0.14)
dia.
E39-R3 Reflector (order separately)
34.8
(1.37)
Two, M3
Adhesive
side
Two, M3
34
(1.34)
R25.4
Two, 3.2 dia.
14
°
13.7
R20
4.5
(0.18)
3.4
Mounting Bracket for E39-R3
(included with E39-R3)
11
(0.43)
0.2
(0.008)
38
(1.50)
1.2 (0.05)
2.6
(0.10)
19.3
(0.76)
29 (1.14)
25.4
±0.1
3.4
(0.14)
28
(1.10)
22.9
(0.90)
11
16 (0.63)
20
(0.79)
0.2
1.2
1.2
(0.05)
38
(1.50)
20
(0.79)
7
0.2
10.1
41.8
(1.65)
25.4
(1.00)
34
(1.34)
10
°
18.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com