Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2C4 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E3F2-R2C4
Description  M18 Cylindrical Photoelectric
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2C4 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E3F2-R2C4 Datasheet HTML 3Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 4Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 5Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 6Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 7Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 9Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 10Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
E3F2
E3F2
7
E3F2-7
j4-j (Through beam)
Distance (m)
100
1
0,1
10
0
2
4
6
8
10
12
14
E3F2-R2R
j4-j (Polarized retroreflective)
Distance (m)
J EXCESS GAIN VS. SET DISTANCE
E3F2-DS10
j4-N
E3F2-DS10
j4-P1
Distance (mm)
Distance (mm)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
Sensing object
(black paper: 5
x 5 cm)
Sensing object
(white paper: 5
x 5 cm)
Sensing object
(white paper: 5
x 5 cm)
Sensing object
(black paper: 5
x 5 cm)
E3F2-DS10Z
j-N
9
8
7
6
5
4
3
2
1
25
5
10
0
15
30
20
0
Distance (cm)
E3F2-DS30
j4
E3F2-DS30
j4-P1
0
10
20
30
40
50
60
Sensing object
(white
paper:
10 x 10 cm)
Sensing object
(black
paper:
10 x 10 cm)
0
10
20
30
40
50
45
35
25
15
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com