Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2C4 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # E3F2-R2C4
Description  M18 Cylindrical Photoelectric
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2C4 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button E3F2-R2C4 Datasheet HTML 6Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 7Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 9Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 10Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 11Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 12Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 13Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
E3F2
E3F2
Precautions
If the input/output lines of the Photoelectric Sensor are placed in
the same conduit or duct as power lines or high-voltage lines, the
Photoelectric Sensor could be induced to malfunction, or even be
damaged, by electrical noise. Separate the wiring, or use
shielded lines as input/output lines to the Photoelectric Sensor.
Do not subject the Photoelectric Sensor to excessive shock when
mounting, in keeping with IEC60529 IP66 standards.
Do not connect the black wire to the brown wire without a load.
Direct connection of these wires may damage the Photoelectric
Sensor (AC switching type).
Black
Brown
Blue
Load
Sensor
24 to 240 VAC
WARNING
The E3F2 Photoelectric Sensor is not a safety component for
ensuring the safety of people which is defined in EC Directive
(91/368/EEC) and covered by separate European standards
or by any other regulations or standards.
When using the Photoelectric Sensor in the vicinity of an inverter
motor, be sure to connect the ground wire of the motor to earth.
Failure to ground the motor may result in malfunction of the
Sensor.
When using the Photoelectric Sensor at temperatures over 45
°C,
the load current must be within the rated value shown in the
figure below.
Operating temperature (
°C)
200
130
55
45
0
J MOUNTING
Do not exceed a torque of
• 2.0 NS m {20 kgf S cm} 17.7 in S lb when tightening mounting nuts
for plastic models.
• 20.0 N S m {200 kgf S cm} 177 in S lb when tightening mounting
nuts for metal models.
Cat. No. CEDSAX3
10/99
Specifications subject to change without notice.
Printed in U.S.A.
OMRON ELECTRONICS, INC.
One East Commerce Drive
Schaumburg, IL 60173
NOTE: DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters to inches divide by 25.4.
1-800-55-OMRON
OMRON CANADA, INC.
885 Milner Avenue
Scarborough, Ontario M1B 5V8
416-286-6465
R
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com