Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2C4 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3F2-R2C4
Description  M18 Cylindrical Photoelectric
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2C4 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3F2-R2C4 Datasheet HTML 1Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 2Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 3Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 4Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 5Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 6Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 7Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
R
M18 Cylindrical Photoelectric
E3F2
Threaded Cylindrical M18 Size
Sensors with Built-in Amplifier
H Rugged stainless and nickel plated
brass versions
H Chemical resistant, ABS resin case type
H Polarized models
H Compact and space-saving
H Long detection distance (7 m)
H DC switching types with connectors for
easy maintenance
H Wide operating voltage range
(10 to 30 VDC, or 24 to 240 VAC)
H Short-circuit and reverse connection
protection (DC switching type)
H UL, CSA listed and CE marked
Ordering Information
J SENSORS
Supply
Type
Connection
Output
Range
Housing
Part number
AC
Through-beam
Pre-leaded
Light-On
3 m
Plastic
E3F2-3Z1
g
Dark-On
Plastic
E3F2-3Z2
Retroreflective,
Nl i
d
Light-On
2 m
Plastic
E3F2-R2Z1
,
Non-polarized
Dark-On
Plastic
E3F2-R2Z2
Diffuse
Light-On
100 mm
Plastic
E3F2-DS10Z1N
Dark-On
Plastic
E3F2-DS10Z2N
DC
Through-beam
Connector
NPN
7 m
Plastic
E3F2-7C4-P1
g
NPB
E3F2-7C4-M1–C
SS
E3F2-7C4-M1-S
PNP
Plastic
E3F2-7B4-P1
NPB
E3F2-7B4-M1-C
SS
E3F2-7B4-M1-S
Diffuse
NPN
10 cm
NPB
E3F2-DS10C4-M1-C
SS
E3F2-DS10C4-M1-S
Plastic
E3F2-DS10C4-P1
30 cm
Plastic
E3F2-DS30C4-P1
Note: NPB = Nickel plated brass; SS = Stainless steel
(This table continues on the next page.)


Similar Part No. - E3F2-R2C4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3F2-R2C4 OMRON-E3F2-R2C4 Datasheet
2Mb / 24P
Photoelectric Sensors E3F2
E3F2-R2C4-P1 OMRON-E3F2-R2C4-P1 Datasheet
2Mb / 24P
Photoelectric Sensors E3F2
More results

Similar Description - E3F2-R2C4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3HT ETC1-E3HT Datasheet
167Kb / 4P
8 mm Metal Cylindrical Photoelectric
logo
Omron Electronics LLC
E3FZLS86H OMRON-E3FZLS86H Datasheet
1Mb / 17P
Easy mounting photoelectric sensor in short M18 housing
logo
Schneider Electric
XGHB211345 SCHNEIDER-XGHB211345 Datasheet
123Kb / 4P
RFID electronic tag - 13.56 MHz - cylindrical M18 - 256 Bytes
Jan 7, 2021
logo
Panasonic Semiconductor
CY-111A PANASONIC-CY-111A Datasheet
568Kb / 4P
Cylindrical Photoelectric Sensor
CY-100 PANASONIC-CY-100 Datasheet
568Kb / 6P
Cylindrical Photoelectric Sensor
logo
Schneider Electric
XX218A3NAM12Z81 SCHNEIDER-XX218A3NAM12Z81 Datasheet
109Kb / 2P
ultrasonic sensor cylindrical M18 - 2 filling levels - Sn 0.5 m - NO - M12
Apr 17, 2023
XX2V1A1PKM12J14 SCHNEIDER-XX2V1A1PKM12J14 Datasheet
77Kb / 3P
ultrasonic sensor cylindrical M18 - 2 levels - Sn 8 m - 2 NO - M12 connector
Apr 17, 2023
XX518A3NAM12 SCHNEIDER-XX518A3NAM12 Datasheet
71Kb / 2P
Ultrasonic sensors XX, ultrasonic sensor cylindrical M18, Sn 0.5 m, NO, M12 connector
Jan 12, 2022
XX518A3PAM12 SCHNEIDER-XX518A3PAM12 Datasheet
114Kb / 7P
Ultrasonic sensors XX, ultrasonic sensor cylindrical M18, Sn 0.5 m, NO, M12 connector
Apr 17, 2023
XU2N18KP9AAL5T SCHNEIDER-XU2N18KP9AAL5T Datasheet
125Kb / 2P
Photoelectric sensors XU, XU2, transmitteur, cylindrical M18, 15 m
Jul 14, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com