Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R2C4 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3F2-R2C4
Description  M18 Cylindrical Photoelectric
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2C4 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3F2-R2C4 Datasheet HTML 1Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 2Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 3Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 4Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 5Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 6Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 7Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R2C4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
E3F2
E3F2
2
Ordering Information Table – continued from previous page
Supply
Type
Connection
Output
Range
Housing
Part number
DC
Diffuse
Connector
PNP
10 cm
NPB
E3F2-DS10B4-M1-C
SS
E3F2-DS10B4-M1-S
Plastic
E3F2-DS10B4-P1
30 cm
Plastic
E3F2-DS30B4-P1
Retroreflective,
Nl i
d
NPN
2 m
Plastic
E3F2-R2C4-P1
,
Non-polarized
PNP
Plastic
E3F2-R2B4-P1
Retroreflective,
Pl i
d
NPN
NPB
E3F2-R2RC4-M1-C
,
Polarized
SS
E3F2-R2RC4-M1-S
PNP
NPB
E3F2-R2RB4-M1-C
SS
E3F2-R2RB4-M1-S
Through-beam
Pre-leaded
NPN
7 m
Plastic
E3F2-7C4
g
NPB
E3F2-7C4-C
SS
E3F2-7C4-S
PNP
7 m
Plastic
E3F2-7B4
NPB
E3F2-7B4-C
SS
E3F2-7B4-S
Diffuse
NPN
10 cm
NPB
E3F2-DS10C4-C
Plastic
E3F2-DS10C4-N
SS
E3F2-DS10C4–S
30 cm
Plastic
E3F2-DS30C4
PNP
10 cm
NPB
E3F2-DS10B4-C
Plastic
E3F2-DS10B4-N
SS
E3F2-DS10B4-S
30 cm
Plastic
E3F2-DS30B4
Retroreflective,
Nl i
d
NPN
2 m
Plastic
E3F2-R2C4
,
Non-polarized
PNP
Plastic
E3F2-R2B4
Retroreflective,
Pl i
d
NPN
2 m
NPB
E3F2-R2RC4-C
,
Polarized
SS
E3F2-R2RC4-S
PNP
NPB
E3F2-R2RB4-C
SS
E3F2-R2RB4-S
Note: NPB = Nickel plated brass; SS = Stainless steel
J ACCESSORIES (ORDER SEPARATELY)
Description
Part number
Sensor mounting bracket
Y92E-B18
Lens protector kit (glass plate, two gaskets and metal retainer)
E39-F31
Small corner cube reflector (38 H x 20 W x 11 D mm)
E39-R3
Adhesive backed reflector tape (10 H x 35 W x 0.7 D mm)
E39-RSA
Adhesive backed reflector tape (35 H x 40 W x 0.7 D mm)
E39-RSB
Mounting bracket for E39-R1 reflector
E39-L7
Right angle adapter for through-beam and retroreflective E3F2 sensors
E39-RU1
J CONNECTOR CORDSETS
Connector type
Cable size
Length
Straight connector
Right angle connector
4-wire DC
Mi
Ch
R
22 AWG
2 m (6.56 ft)
Y96E-44SD2
Y96E-44RD2
Micro Change
R
connector
5 m (16.40 ft)
Y96E-44SD5
Y96E-44RD5
connector
10 m (32.8 ft)
Y96E-44SD10
Y96E-44RD10
Robotic cable with
M12
t
2 m (6.56 ft)
XS2F-D421-D80-R
XS2F-D422-D80-R
M12 connector
5 m (16.40 ft)
XS2F-D421-G80-R
XS2F-D422-G80-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com