Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFBM-CS320 Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # DFBM-CS320
Description  Wireless communication module compliant with Bluetooth TM Specification V2.0EDR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DFBM-CS320 Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button DFBM-CS320 Datasheet HTML 2Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 3Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 4Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 5Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 6Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 7Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 8Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 9Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 10Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Preliminary
DFBM-CS320
Data Sheet
May 18, 2005
Proprietary Information and Specifications are Subject to Change
Pin description
Pin No.
Name
Description
1
Vdd_3.15V
Supply Voltage (3.15V , 2.7~3.6), INPUT
2
VREG_IN
Supply Voltage (3.15V , 2.2~3.6V), INPUT
3
Vdd_1.8V
Supply Voltage (1.8V), OUTPUT
4
PIO_1
Programmable input/output line
5
PIO_0
Programmable input/output line
6
PIO_10
Programmable input/output line
7
AUX_DAC
Voltage DAC
8
Gnd
Ground
9
ANT
RF input/output
10
Gnd
Ground
11
PIO_9
Programmable input/output line
12
PIO_2
Programmable input/output line
13
PIO_3
Programmable input/output line
14
SPI_MOSI
Serial Peripheral Interface data input
15
SPI_MISO
Serial Peripheral Interface data output
16
SPI_CLK
Serial Peripheral Interface clock
17
SPI_CSB
Chip select for Serial Peripheral Interface, active low



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com