Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFBM-CS320 Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # DFBM-CS320
Description  Wireless communication module compliant with Bluetooth TM Specification V2.0EDR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DFBM-CS320 Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button DFBM-CS320 Datasheet HTML 2Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 3Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 4Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 5Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 6Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 7Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 8Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 9Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 10Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Preliminary
DFBM-CS320
Data Sheet
May 18, 2005
Proprietary Information and Specifications are Subject to Change
18
Gnd
Ground
19
Reset B
An active low reset
20
PIO_5
Programmable input/output line
21
PIO_4
Programmable input/output line
22
USB_DP
USB data plus with selectable internal 1.5kohm pull-up
resistor
23
USB_DN
USB data minus
24
PCM_IN
Synchronous data input
25
PCM_CLK
Synchronous data clock
26
PCM_SYNC
Synchronous data sync
27
PCM_OUT
Synchronous data output
28
Gnd
Ground
29
UART_RTS
UART request to send active low
30
UART_TX
UART data output active high
31
UART_CTS
UART clear to send active low
32
UART_RX
UART data input active high
33
AIO_0
Analogue Programmable input/output
34
XTAL_OUT
Drive for crystal
35
XTAL_IN
For crystal or external clock input
36
Gnd
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com