Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFBM-CS320 Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # DFBM-CS320
Description  Wireless communication module compliant with Bluetooth TM Specification V2.0EDR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DFBM-CS320 Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  DFBM-CS320 Datasheet HTML 1Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 2Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 3Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 4Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 5Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 6Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 7Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 8Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary
DFBM-CS320
Data Sheet
May 18, 2005
Proprietary Information and Specifications are Subject to Change
Host transport selection
The firmware configures itself when it boots by reading the values on a set of PIO pins.
Pin Values
Features
PIO[0] PIO[1] PIO[4]
Host Transport
Auto System Clock
Adaptation
Auto Baud Rate
Adaptation
0
0
0
BCSP (default)
Available (*1)
Available (*2)
0
0
1
BCSP with UATR configured to
use 2 stop bits and no parity
Available (*1)
Available (*2)
0
1
0
USB, 16 MHz crystal
Not available
Not appropriate
0
1
1
USB, 26 MHz crystal
Not available
Not appropriate
1
0
0
Three-wire UART
Available (*1)
Available (*2)
1
0
1
H4DS
Available (*1)
Available (*2)
1
1
0
UART (H4)
Available (*1)
Available (*2)
1
1
1
Undefined
-
-
(*1) If a UART-based host transport is selected and the firmware does not know its clock
frequency (because PSKEY_ANA_FREQ contains no value), then the firmware attempts to lock
on to the available system clock signal. Use of this mechanism implies booting the firmware
twice, as described in [AUTOBAUD]. PSKEY_ANA_FREQ has no default value.
(*2)
If
a
UART-based
host
transport
is
selected
and
the
baud
rate
defined
in
PSKEY_UART_BAUDRATE is zero (the default value), then the baud rate adaptation process
is invoked, as described in [AUTOBAUD].
If the PS Key contains a non-zero baud rate then the UART is configured with this value. If
the system clock adaptation mechanism is used, it may result in the processor running slower
than normal, so the consequent (measured) baud rate will also be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com