Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFBM-CS320 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DFBM-CS320
Description  Wireless communication module compliant with Bluetooth TM Specification V2.0EDR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DFBM-CS320 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DFBM-CS320 Datasheet HTML 1Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 2Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 3Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 4Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 5Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 6Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 7Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 8Page - Delta Electronics, Inc. DFBM-CS320 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary
DFBM-CS320
Data Sheet
May 18, 2005
Proprietary Information and Specifications are Subject to Change
Interface
Interface
Description
Antenna
External Antenna 50Ω
UART Interface
TX, RX, RTS, CTS(9600bps~1.5Mbps)
SPI Interface
Synchronous Serial Interface for firmware
download
USB Interface
Full speed Universal Serial Bus interface
PCM Interface
Supports continuous transmission and
reception of PCM encoded audio data over
Bluetooth
PIO Interface
8 terminals
AIO Interface
1 terminals



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com