Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1004-1.2LP Datasheet(PDF) 7 Page - Astec America, Inc

Part # AS1004-1.2LP
Description  Micropower Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AS1004-1.2LP Datasheet(HTML) 7 Page - Astec America, Inc

  AS1004-1.2LP Datasheet HTML 1Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 2Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 3Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 4Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 5Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 6Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 7Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Micropower Voltage Reference
AS1004
ASTEC Semiconductor
35
Typical Applications
2.5V Reference
VIN
3 k
OUT
AS1004-1.2
VIN
100 k
OUT
AS1004-2.5
VIN
100 k
OUT
AS1004-2.5
22
Ω
50
µF
Low Noise Reference
1.235V Reference
Figure 20
Figure 21
Figure 15
Figure 16
Figure 17
High Stability 5V Regulator
VIN
OUT
AS1004-2.5
200
Ω
10
µF
0.1
µF
+
5 k
V-
LM317
VIN
VOUT
ADJ
R
≤ V
-– 1V
0.015 mA
Variable Output
Regulator
Figure 18
Figure 19
Lead Acid Low Battery Detector
–
+
12 V
86.7 k
500 k
150 pF
AS1004-1.2
500 k
LO = Battery Low
Micropower 10V Reference
VIN ≥ 8 V
5 V OUT
AS1004-2.5
976
Ω, 1%
22
µF
+
LM338
VIN
VOUT
ADJ
324
Ω, 1%
22 M
1 M
150 pF
AS1004-1.2
–
+
3.5 M
500 k
LM4250
3
2
7
6
8
4
VIN = 12 V to 20 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com