Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1004-1.2LP Datasheet(PDF) 4 Page - Astec America, Inc

Part # AS1004-1.2LP
Description  Micropower Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AS1004-1.2LP Datasheet(HTML) 4 Page - Astec America, Inc

  AS1004-1.2LP Datasheet HTML 1Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 2Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 3Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 4Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 5Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 6Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 7Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AS1004
Micropower Voltage Reference
ASTEC Semiconductor
32
Typical Performance Curves
AS1004-2.5 Reference Voltage
versus Ambient Temperature
Figure 3
Figure 4
AS1004-1.2 Reverse Operating
Characteristics
AS1004-2.5 Reverse Operating
Characteristics
Figure 5
Figure 6
V
R – Reverse Voltage (V)
1
10
100
0.1
0
0.2
0.6
1
1.4
0.4
0.8
1.2
T
A = –55° C to 125° C
V
R – Reverse Voltage (V)
1
10
100
0.1
0
0.5
1.5
2.0
3.0
1.0
2.5
T
A = –55° C to 125° C
5000
0.5
00
0
0
∆VREF
∆T
-5
-10
10
20
30
40
50
60 70
Temperature (°C)
0.046 mV/ °C
0.004 %/ °C
37 ppm/ °C
Average Temperature Coefficient =
∆VREF
∆T
Calculating Average Temperature
Coefficient for the AS1004-2.5 Reference
TA – Ambient Temperature (
°C)
2.480
2.490
2.500
2.510
2.520
–55
–15
25
85
125
–35
5
45
65
105
IZ = 100
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com