Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1004-1.2LP Datasheet(PDF) 2 Page - Astec America, Inc

Part # AS1004-1.2LP
Description  Micropower Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AS1004-1.2LP Datasheet(HTML) 2 Page - Astec America, Inc

  AS1004-1.2LP Datasheet HTML 1Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 2Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 3Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 4Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 5Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 6Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 7Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AS1004
Micropower Voltage Reference
ASTEC Semiconductor
30
Simplified Schematic
Recommended Conditions
Parameter
Symbol
Rating
Unit
Cathode Current
IZ
100
µA
Typical Thermal Resistances
Package
θJA
θJC
Typical Derating
TO-92
160
° C/W
80
° C/W
6.3 mW/
°C
8L SOIC
175
° C/W
45
° C/W
5.7 mW/
°C
SOT-89
110
° C/W
8
° C/W
9.1 mW/
°C
Absolute Maximum Ratings
Parameter
Symbol
Rating
Units
Reverse Breakdown Current
IZ
30
mA
Forward Current
IF
30
mA
Continuous Power Dissipation at 25
° CPD
TO-92
775
mW
8LSOIC
750
mW
SOT-89
1000
mW
Maximum Junction Temp
TJ
150
°C
Storage Temperature
TSTG
– 65 to 150
°C
Lead Temperature, Soldering 10 Seconds
TL
300
°C
R2
R6
R7
C1
C2
Q12
R4
C3
R11
R10
R12
Q6
A
K
Q14
Q4
Q3
Q13
Q11
Q10
Q7
Q9
Q8
Q5
Q1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com