Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1004-1.2LP Datasheet(PDF) 5 Page - Astec America, Inc

Part # AS1004-1.2LP
Description  Micropower Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AS1004-1.2LP Datasheet(HTML) 5 Page - Astec America, Inc

  AS1004-1.2LP Datasheet HTML 1Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 2Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 3Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 4Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 5Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 6Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 7Page - Astec America, Inc AS1004-1.2LP Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Micropower Voltage Reference
AS1004
ASTEC Semiconductor
33
Typical Performance Curves
AS1004-1.2 Change in Reference
Voltage versus Reverse Current
AS1004-2.5 Change in Reference
Voltage versus Reverse Current
Figure 9
Figure 7
Figure 8
I
R – Reverse Current (mA)
0
4
8
12
16
–4
0.01
0.1
1
10
100
T
A = –55° C to 125° C
Figure 10
AS1004-1.2 Transient Response
AS1004-2.5 Transient Response
I
R – Reverse Current (mA)
0
4
8
12
16
–4
0.01
0.1
1
10
100
T
A = –55° C to 125° C
t – Time (
µs)
5
0.5
1.5
0
0
50
100
600
500
INPUT
1
0
OUTPUT
V
O
36 k
Ω
V
I
t – Time (
µs)
5
1
3
0
0
50
100
600
500
VO
36 k
Ω
VI
INPUT
2
0
OUTPUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com