Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6002IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LT6002IGN
Description  Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6002IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6002IGN Datasheet HTML 5Page - Linear Technology LT6002IGN Datasheet HTML 6Page - Linear Technology LT6002IGN Datasheet HTML 7Page - Linear Technology LT6002IGN Datasheet HTML 8Page - Linear Technology LT6002IGN Datasheet HTML 9Page - Linear Technology LT6002IGN Datasheet HTML 10Page - Linear Technology LT6002IGN Datasheet HTML 11Page - Linear Technology LT6002IGN Datasheet HTML 12Page - Linear Technology LT6002IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT6000/LT6001/LT6002
9
600012fa
TYPICAL PERFOR A CE CHARACTERISTICS
Slew Rate vs Temperature
Gain Bandwidth and Phase
Margin vs Temperature
TEMPERATURE (
°C)
–50
10
20
30
40
60
70
80
–25
25
50
125
50
45
50
55
60
70
75
80
65
0
75
100
VS = 1.8V, 0V
VCM = 0.5V
VS = 1.8V, 0V
VCM = 0.5V
VS = 5V, 0V
VCM = 2.5V
VS = 5V, 0V
VCM = 2.5V
GAIN BANDWIDTH
PHASE MARGIN
f = 1kHz
60012 G21
TEMPERATURE (
°C)
–50
25
30
35
25
75
60012 G22
20
15
–25
0
50
100
125
10
5
RISING
VS = 5V, 0V
RISING
VS = 1.8V, 0V
FALLING
VS = 5V, 0V
FALLING
VS = 1.8V, 0V
AV = –1
RF = RG = 100k
Capacitive Load Handling
Overshoot vs Capacitive Load
CAPACITIVE LOAD (pF)
10
20
25
30
35
40
100
1000
10000
60012 G23
15
10
5
0
45
50
AV = 1
AV = 2
AV = 5
VS = 5V, 0V
VCM = 2.5V
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (kHz)
0.1
70
80
90
100
1
10
100
60012 G24
60
50
40
30
VS = ±2.5V
TA = 25°C
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (kHz)
30
70
110
10
50
90
0.01
1
10
100
60012 G25
–10
0.1
POSITIVE SUPPLY
NEGATIVE SUPPLY
VS = ±2.5V
TA = 25°C
Output Impedance vs Frequency
FREQUENCY (kHz)
0.01
0.1
0.1
10
10000
1
10
100
60012 G26
1
100
1000
VS = ±2.5V
TA = 25°C
AV = 10
AV = 1
Disabled Output Impedance
vs Frequency (LT6000/LT6001DD)
FREQUENCY (kHz)
0.01
0
10
1000
1
0.1
10
100
60012 G27
1
100
VS = ±2.5V
VPIN6(SHDN) = –2.5V
Gain and Phase vs Frequency
FREQUENCY (kHz)
0
60
70
–10
–20
50
20
40
30
10
0.1
10
100
1000
60012 G19
–30
–20
100
120
–40
–60
80
20
60
40
0
–80
1
VCM = 4.5V
VCM = 4.5V
VCM = 2.5V
PHASE
GAIN
VCM = 2.5V
VS = 5V, 0V
RF = RG = 100k
AV = –1
Gain Bandwidth and Phase
Margin vs Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0
30
40
60
70
80
4
8
10
18
600012 G36
50
45
50
60
65
70
55
26
12
14
16
RF = RG = 100k
AV = –1
f = 1kHz
PHASE MARGIN
GAIN BANDWIDTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com