Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6002IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LT6002IGN
Description  Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6002IGN Datasheet(HTML) 4 Page - Linear Technology

  LT6002IGN Datasheet HTML 1Page - Linear Technology LT6002IGN Datasheet HTML 2Page - Linear Technology LT6002IGN Datasheet HTML 3Page - Linear Technology LT6002IGN Datasheet HTML 4Page - Linear Technology LT6002IGN Datasheet HTML 5Page - Linear Technology LT6002IGN Datasheet HTML 6Page - Linear Technology LT6002IGN Datasheet HTML 7Page - Linear Technology LT6002IGN Datasheet HTML 8Page - Linear Technology LT6002IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT6000/LT6001/LT6002
600012fa
4
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full specified temperature
range, otherwise specifications are TA = 25°C. VS = 1.8V, 0V, VCM = VOUT = 0.5V. For the LT6000 and the LT6001DD, VSHDN = V+,
unless otherwise noted.
ISC
Short-Circuit Current
Short to GND
2
4
mA
0
°C ≤ TA ≤ 70°C
●
1mA
–40
°C ≤ TA ≤ 85°C
●
0.4
mA
Short to V+
0.7
2
mA
0
°C ≤ TA ≤ 70°C
●
0.4
mA
–40
°C ≤ TA ≤ 85°C
●
0.15
mA
IS
Supply Current per Amplifier
13
16
µA
0
°C ≤ TA ≤ 70°C
●
22
µA
–40
°C ≤ TA ≤ 85°C
●
24
µA
Total Supply Current in Shutdown (Note 7)
VSHDN = 0.3V
●
0.8
1.5
µA
ISHDN
SHDN Pin Current (Note 7)
VSHDN = 1.8V
●
030
nA
VSHDN = 0V
●
–300
–200
nA
Shutdown Output Leakage Current (Note 7)
VSHDN = 0.3V (V– ≤ VOUT ≤ V+)
●
20
nA
VL
SHDN Pin Input Low Voltage (Note 7)
●
0.3
V
VH
SHDN Pin Input High Voltage (Note 7)
●
1.5V
V
tON
Turn On Time (Note 7)
VSHDN = 0V to 1.8V,
400
µs
RL = 10k
tOFF
Turn Off Time (Note 7)
VSHDN = 1.8V to 0V,
100
µs
RL = 10k
GBW
Gain Bandwidth Product (Note 8)
Freq = 1kHz
32
50
kHz
0
°C ≤ TA ≤ 70°C
●
28
kHz
–40
°C ≤ TA ≤ 85°C
●
24
kHz
SR
Slew Rate
AV = –1, VOUT = 0.25V to 1.5V
9
15
V/ms
Measure 0.5V to 1.25V, 0
°C ≤ TA ≤ 70°C
●
7
V/ms
–40
°C ≤ TA ≤ 85°C
●
5
V/ms
FPBW
Full Power Bandwidth (Note 9)
VOUT = 1.25VP-P
2.3
3.8
kHz
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com