Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6002IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LT6002IGN
Description  Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6002IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6002IGN Datasheet HTML 7Page - Linear Technology LT6002IGN Datasheet HTML 8Page - Linear Technology LT6002IGN Datasheet HTML 9Page - Linear Technology LT6002IGN Datasheet HTML 10Page - Linear Technology LT6002IGN Datasheet HTML 11Page - Linear Technology LT6002IGN Datasheet HTML 12Page - Linear Technology LT6002IGN Datasheet HTML 13Page - Linear Technology LT6002IGN Datasheet HTML 14Page - Linear Technology LT6002IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT6000/LT6001/LT6002
11
600012fa
Q1
Q17
Q6
Q2
Q10
C1
Q3
IN+
Q8
Q19
Q20
R1
R8
7M
R6
R7
R2
30k
D3
V+
V+
V–
R4
R5
IN–
R3
30k
Q9
Q11
Q14
V+
OUT
V–
SHDN
V–
Q15
CM
Q13
COMPLEMENTARY
DRIVE GENERATOR
Q12
Q4
Q5
Q7
Q16
Q18
APPLICATIO S I FOR ATIO
Supply Voltage
The positive supply of the LT6000/LT6001/LT6002 should
be bypassed with a small capacitor (about 0.01
µF) within
an inch of the pin. When driving heavy loads, an additional
4.7
µF electrolytic capacitor should be used. When using
split supplies, the same is true for the negative supply pin.
Rail-to-Rail Characteristics
The LT6000/LT6001/LT6002 are fully functional for an
input signal range from the negative supply to the positive
supply. Figure 1 shows a simplified schematic of the
amplifier. The input stage consists of two differential
amplifiers, a PNP stage Q3/Q6 and an NPN stage Q4/Q5
that are active over different ranges of the input common
mode voltage. The PNP stage is active for common mode
voltages, VCM, between the negative supply to approxi-
mately 1V below the positive supply. As VCM moves closer
towards the positive supply, the transistor Q7 will steer
Q2’s tail current to the current mirror Q8/Q9, activating the
NPN differential pair. The PNP pair becomes inactive for
the rest of the input common mode range up to the
positive supply.
The second stage is a folded cascode and current mirror
that converts the input stage differential signals into a
single ended output. Capacitor C1 reduces the unity cross
frequency and improves the frequency stability without
degrading the gain bandwidth of the amplifier. The comple-
mentary drive generator supplies current to the output
transistors that swing from rail to rail.
Input
The input bias current depends on which stage is active.
The input bias current polarity depends on the input
common mode voltage. When the PNP stage is active, the
input bias currents flow out of the input pins. They flow in
the opposite direction when the NPN stage is active. The
offset error due to the input bias currents can be
minimized by equalizing the noninverting and inverting
source impedance.
Figure 1
SI PLIFIED SCHE ATIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com