Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6002IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LT6002IGN
Description  Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6002IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6002IGN Datasheet HTML 10Page - Linear Technology LT6002IGN Datasheet HTML 11Page - Linear Technology LT6002IGN Datasheet HTML 12Page - Linear Technology LT6002IGN Datasheet HTML 13Page - Linear Technology LT6002IGN Datasheet HTML 14Page - Linear Technology LT6002IGN Datasheet HTML 15Page - Linear Technology LT6002IGN Datasheet HTML 16Page - Linear Technology LT6002IGN Datasheet HTML 17Page - Linear Technology LT6002IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT6000/LT6001/LT6002
600012fa
14
TYPICAL APPLICATIO
–
+
8
10k
90.9k
0.9V
(NiMH)
–0.9V
(NiMH)
3
2
1
–
+
10k
90.9k
5
VIN
6
7
OUT
60012 TA02a
1/2 LT6001
1/2 LT6001
FREQUENCY (Hz)
–10
50
60
–20
–30
40
10
30
20
0
100
10k
100k
1M
60012 TA02b
–40
1k
Gain of 100 Amplifier
(400kHz GBW on 30
µA Supply)
Gain vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com