Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2539GS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC2539GS
Description  Bi-CMOS INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2539GS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC2539GS Datasheet HTML 1Page - Renesas Technology Corp UPC2539GS Datasheet HTML 2Page - Renesas Technology Corp UPC2539GS Datasheet HTML 3Page - Renesas Technology Corp UPC2539GS Datasheet HTML 4Page - Renesas Technology Corp UPC2539GS Datasheet HTML 5Page - Renesas Technology Corp UPC2539GS Datasheet HTML 6Page - Renesas Technology Corp UPC2539GS Datasheet HTML 7Page - Renesas Technology Corp UPC2539GS Datasheet HTML 8Page - Renesas Technology Corp UPC2539GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Bi-CMOS INTEGRATED CIRCUIT
µPC2539
The
µPC2539 is data demodulator IC for FM receiver applying to Radio Data System in European countries and
Radio Broadcasting Data System in USA.
This IC carries out to extract 57kHz RDS signal from FM multiplex signal, demodulate data-stream, recover
bit-rate-clock, and discriminate SK signal in ARI system.
FEATURES
•
Adjustment-free
•
Built-in 57kHz band-pass-filter consist of switched capactiors.
•
High sensitivity.
•
Employing digital PLL.
•
Small outline plastic package
ORDERING INFORMATION
Part Number
Package
µPC2539GS
24-pin plastic SOP (300 mil)
BLOCK DIAGRAM
Document No. S11570EJ1V0DS00 (1st edition)
Date Published May 1996 P
Printed in Japan
The information in this document is subject to change without notice.
RDS DATA DEMODULATOR IC
©
1996
PRELIMINARY DATA SHEET
24
23
22
21
20
19
18
17
16
15
14
13
12
34
5
6
789
10
11
12
57kHz BPF
COSTAS
BIPHASE
DECODER
DIFFERENTIAL
DECODER
CLOCK
RECOVERY
SK DET
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com