Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2539GS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC2539GS
Description  Bi-CMOS INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2539GS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC2539GS Datasheet HTML 2Page - Renesas Technology Corp UPC2539GS Datasheet HTML 3Page - Renesas Technology Corp UPC2539GS Datasheet HTML 4Page - Renesas Technology Corp UPC2539GS Datasheet HTML 5Page - Renesas Technology Corp UPC2539GS Datasheet HTML 6Page - Renesas Technology Corp UPC2539GS Datasheet HTML 7Page - Renesas Technology Corp UPC2539GS Datasheet HTML 8Page - Renesas Technology Corp UPC2539GS Datasheet HTML 9Page - Renesas Technology Corp UPC2539GS Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
µPC2539
6
APPLICATION CIRCUIT ESAMPLE
Notes 1.
Pin 7 does not have ability enough to drive LED directly because of internal serial resistor (10k
Ω) shown
in following figure. In application for system with no ARI signal such as RBDS in USA, pin 7 is
recommended to be connected with VDD.
2.
Crystal oscillation frequency tolerance :
±100ppm
The equivalent circuit in pin 7
10k
Ω
S K detector block
PLL block
7
µ
0.1 F
VCC=+5V
µ
100 F +
µ
0.1 F
INPUT
4700pF
4700pF
+5V
OPERATE
STOP
24
23
22
21
20
19
18
17
16
15
14
13
1
234
5
6
789
10
11
12
µ
0.1 F
COSTAS
BIPHASE
DECODER
DIFFERENTIAL
DECODER
57kHz BPF
SK DET
CLOCK
RECOVERY
OSC
4.332MHz
+5V
RBDS
22pF
22pF
RDS
*1
*2
µ
0.1 F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com