Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2539GS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC2539GS
Description  Bi-CMOS INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2539GS Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC2539GS Datasheet HTML 1Page - Renesas Technology Corp UPC2539GS Datasheet HTML 2Page - Renesas Technology Corp UPC2539GS Datasheet HTML 3Page - Renesas Technology Corp UPC2539GS Datasheet HTML 4Page - Renesas Technology Corp UPC2539GS Datasheet HTML 5Page - Renesas Technology Corp UPC2539GS Datasheet HTML 6Page - Renesas Technology Corp UPC2539GS Datasheet HTML 7Page - Renesas Technology Corp UPC2539GS Datasheet HTML 8Page - Renesas Technology Corp UPC2539GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
µPC2539
3
PIN FUNCTIONS
Pin no.
Pin name
Function
1VDD
Power Supply for Digital Circuit
2
TEST1
Pin for Test : Normally connect to GND.
3
TEST2
Pin for Test : Normally be open.
4
CLK OUT
Bit-Rate-Clock Output Pin
5
DATA OUT
RDS Data Output Pin
6
RDS IND
RDS Idenrification Indicator : When RDS signal is detected, the output voltage becomes
to Low level.
7
SK IND
SK Identification Indicator : When SK signal is detected, the output voltage becomes to
Low level.
8
TEST3
Pin for Test : Normally connect to GND.
9
TEST4
Pin for Test : Normally connect to GND.
10
DGND
GND for Digital Circuit
11
OSC IN
Oscillator Input Pin
12
OSC OUT
Oscillator Output Pin
13
TEST5
Pin for Test : Normally be open.
14
TEST6
Pin for Test : Normally connect to GND.
15
OP.CTL
Operation/Stop control Pin : High:Operation mode, Low:Stop mode
16
AGND
GND for Analog Circuit
17
DSB IN
DSB Demodulator Input Pin
18
BPF OUT
Band-Pass-Filter Output Pin
19
REF
Reference Voltage for BPF
20
BPF IN
Band-Pass-Filter Input Pin
21
TEST7
Pin for Test : Normally connect to GND.
22
TEST8
Pin for Test : Normally connect to GND.
23
TEST9
Pin for Test : Normally connect to GND.
24
VCC
Power Supply for Analog Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com