Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2539GS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPC2539GS
Description  Bi-CMOS INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2539GS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPC2539GS Datasheet HTML 2Page - Renesas Technology Corp UPC2539GS Datasheet HTML 3Page - Renesas Technology Corp UPC2539GS Datasheet HTML 4Page - Renesas Technology Corp UPC2539GS Datasheet HTML 5Page - Renesas Technology Corp UPC2539GS Datasheet HTML 6Page - Renesas Technology Corp UPC2539GS Datasheet HTML 7Page - Renesas Technology Corp UPC2539GS Datasheet HTML 8Page - Renesas Technology Corp UPC2539GS Datasheet HTML 9Page - Renesas Technology Corp UPC2539GS Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
µPC2539
7
PACKAGE DRAWING
ITEM
MILLIMETERS
INCHES
A
B
C
E
F
G
H
I
J
15.54 MAX.
1.27 (T.P.)
1.8 MAX.
1.55
7.7±0.3
0.78 MAX.
0.12
1.1
5.6
M
0.1±0.1
N
0.612 MAX.
0.031 MAX.
0.004±0.004
0.071 MAX.
0.061
0.303±0.012
0.220
0.043
0.005
0.050 (T.P.)
P24GM-50-300B-4
P3
°
3
°
+7
°
NOTE
Each lead centerline is located within 0.12 mm (0.005 inch) of
its true position (T.P.) at maximum material condition.
D
0.40
0.016
+0.10
–0.05
K
0.20
0.008
+0.10
–0.05
L
0.6±0.2
0.024
0.10
–3
°
+7
°
–3
°
0.004
+0.008
–0.009
+0.004
–0.002
+0.004
–0.003
A
C
D
detail of lead end
B
H
I
L
M
J
N
M
112
13
24
24 PIN PLASTIC SOP (300 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com