Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2933AT Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC2933AT
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2933AT Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC2933AT Datasheet HTML 1Page - Renesas Technology Corp UPC2933AT Datasheet HTML 2Page - Renesas Technology Corp UPC2933AT Datasheet HTML 3Page - Renesas Technology Corp UPC2933AT Datasheet HTML 4Page - Renesas Technology Corp UPC2933AT Datasheet HTML 5Page - Renesas Technology Corp UPC2933AT Datasheet HTML 6Page - Renesas Technology Corp UPC2933AT Datasheet HTML 7Page - Renesas Technology Corp UPC2933AT Datasheet HTML 8Page - Renesas Technology Corp UPC2933AT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
μPC2933A,2905A
Chapter Title
R03DS0029EJ0400 Rev.4.00
Page 5 of 12
Mar 16, 2011
μ PC2905A (TJ = 25°C, VIN = 8 V, IO = 500 mA, CIN = 0.22 μ F, COUT = 47 μ F, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
4.83
5.0
5.18
Output Voltage
VO
0
°C ≤ TJ ≤ 125°C, 6 V ≤ VIN ≤ 16 V,
0 A
≤ IO ≤ 500 mA
0
°C ≤ TJ ≤ 125°C, 0 A ≤ IO ≤ 1 A
4.75
5.25
V
Line Regulation
REGIN
6 V
≤ VIN ≤ 16 V
23
50
mV
Load Regulation
REGL
0 A
≤ IO ≤ 1 A
28
50
mV
IO = 0 A
2.2
3.5
Quiescent Current
IBIAS
IO = 1 A
28
50
mA
VIN = 4.5 V, IO = 0 A
10
30
Startup Quiescent Current
IBIAS (s)
VIN = 4.5 V, IO = 1 A
50
mA
Quiescent Current Change
ΔIBIAS
0
°C ≤ TJ ≤ 125°C, 6 V ≤ VIN ≤ 16 V
2.9
15
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
90
μ Vr.m.s.
Ripple Rejection
R•R
f = 120 Hz, 6 V
≤ VIN ≤ 16 V
46
61
dB
Dropout Voltage
VDIF
0
°C ≤ TJ ≤ 125°C, IO = 1 A
0.7
1.0
V
VIN = 6.5 V
1.15
1.8
3.0
Short Circuit Current
IOshort
VIN = 16 V
1.1
A
VIN = 6.5 V
1.1
1.5
3.0
Peak Output Current
IOpeak
VIN = 16 V
1.4
2.0
2.8
A
Temperature Coefficient of
Output Voltage
ΔVO/ΔT
0
°C ≤ TJ ≤ 125°C, IO = 5 mA
0.6
mV/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com