Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2933AT Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC2933AT
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2933AT Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC2933AT Datasheet HTML 3Page - Renesas Technology Corp UPC2933AT Datasheet HTML 4Page - Renesas Technology Corp UPC2933AT Datasheet HTML 5Page - Renesas Technology Corp UPC2933AT Datasheet HTML 6Page - Renesas Technology Corp UPC2933AT Datasheet HTML 7Page - Renesas Technology Corp UPC2933AT Datasheet HTML 8Page - Renesas Technology Corp UPC2933AT Datasheet HTML 9Page - Renesas Technology Corp UPC2933AT Datasheet HTML 10Page - Renesas Technology Corp UPC2933AT Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
μPC2933A,2905A
Chapter Title
R03DS0029EJ0400 Rev.4.00
Page 7 of 12
Mar 16, 2011
1.0
0.8
0.6
0.4
0.2
0
-25
+125
0
+150
+75
VDIF vs.TJ
+100
+50
+25
PC2905A
PC2933A
I O = 1.0 A
TJ
Operating Junction Temperature - ˚C
3
2
1
0
0
20
DIF
IO peak vs. VDIF
PC2933A
10
15
5
TJ = 125˚C
TJ = 25˚C
TJ = 0˚C
- Dropout Voltage - V
V
μ
3
2
1
0
0
20
vs.V
IO peak
DIF
PC2905A
10
15
TJ = 125˚C
TJ = 25˚C
TJ = 0˚C
VDIF
- Dropout Voltage - V
R
R vs. f
80
70
0
100
1 k
10 k
100 k
f - Frequency - Hz
60
50
40
30
20
10
TJ = 25˚C
I O = 1 A
PC2933A
PC2905A
4.3 V
VIN
16 V
6 V
VIN
16 V ( PC2905A)
( PC2933A)
R
R vs. IO
80
70
30
0.2
0.4
0.6
1.0
0.8
0
60
50
40
PC2933A
PC2905A
O
- Output Current - A
I
f = 120 Hz
TJ = 25˚C
4.3 V
VIN
16 V
6 V
VIN
16 V ( PC2905A)
( PC2933A)
VDIF vs. IO
1.0
0
0.2
0.4
0.6
1.0
IO - Output Current - A
0.8
0.6
0.4
0.2
0
0.8
PC2905A
PC2933A
TJ = 25˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com