Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2933AT Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC2933AT
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2933AT Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC2933AT Datasheet HTML 2Page - Renesas Technology Corp UPC2933AT Datasheet HTML 3Page - Renesas Technology Corp UPC2933AT Datasheet HTML 4Page - Renesas Technology Corp UPC2933AT Datasheet HTML 5Page - Renesas Technology Corp UPC2933AT Datasheet HTML 6Page - Renesas Technology Corp UPC2933AT Datasheet HTML 7Page - Renesas Technology Corp UPC2933AT Datasheet HTML 8Page - Renesas Technology Corp UPC2933AT Datasheet HTML 9Page - Renesas Technology Corp UPC2933AT Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
μPC2933A,2905A
Chapter Title
R03DS0029EJ0400 Rev.4.00
Page 6 of 12
Mar 16, 2011
Typical
Characteristics
50
85 100
150
5
10
15
20
0
1.0
1.92
TA - Operating Ambient Temperature - ˚C
0
Pd vs.TA
Solid line :
PC2933AHF, 2905AHF
Broken line :
PC2933AHB, 2905AHB
PC2933AT, 2905AT
With infinite heatsink
Without heatsink
300
200
100
0
-100
-200
-300
-400
0
100
150
TJ
ΔVO vs. TJ
-50
50
PC2905A
PC2933A
I O = 5 mA
- Operating Junction Temperature - ˚C
μ
μ
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
012345678
VIN
Voltage - V
VO vs.VIN
PC2933A
TJ = 25˚C
O
= 0.5 A
I O = 5 mA
I O = 1.0 A
- Input
8
7
6
5
4
3
2
1
0
012345678
VIN - Input Voltage - V
VO vs. VIN
PC2905A
TJ = 25˚C
O
= 0.5 A
I O = 5 mA
I O = 1.0 A
50
40
30
20
10
0
4
0
2
6
8
101214161820
BIAS I BIAS(s)
) vs.VIN
PC2933A
O
= 0.5 A
I O = 0 A
I O = 1 A
T = 25˚C
VIN - Input Voltage - V
50
40
30
20
10
0
246810
12
14
16
18
20
T = 25˚C
O
= 0.5 A
I O = 0 A
I O = 1 A
VIN - Input Voltage - V
BIAS
IBIAS(s)) vs.VIN
PC2905A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com