Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2933AT Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPC2933AT
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2933AT Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPC2933AT Datasheet HTML 5Page - Renesas Technology Corp UPC2933AT Datasheet HTML 6Page - Renesas Technology Corp UPC2933AT Datasheet HTML 7Page - Renesas Technology Corp UPC2933AT Datasheet HTML 8Page - Renesas Technology Corp UPC2933AT Datasheet HTML 9Page - Renesas Technology Corp UPC2933AT Datasheet HTML 10Page - Renesas Technology Corp UPC2933AT Datasheet HTML 11Page - Renesas Technology Corp UPC2933AT Datasheet HTML 12Page - Renesas Technology Corp UPC2933AT Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
μPC2933A,2905A
Chapter Title
R03DS0029EJ0400 Rev.4.00
Page 9 of 12
Mar 16, 2011
Package Drawings (Unit: mm)
μPC2933AHF, μPC2905AHF
D
17.0
±0.3
3PIN PLASTIC SIP (MP-45G)
NOTE
Each lead centerline is located within 0.25 mm of
its true position (T.P.) at maximum material condition.
ITEM
MILLIMETERS
P3HF-254B-4
G
0.25
H
2.54 (T.P.)
A
10.0
±0.2
I
5.0
±0.3
U
2.4
±0.5
V
Y
8.9
±0.7
Z
1.30
±0.2
J
K
L
8.5
±0.2
B
7.0
±0.2
C
1.50
±0.2
E
F
0.75
±0.10
M
8.5
±0.2
N
P
2.8
±0.2
3.3
±0.2
φ
2.46
±0.2
5.0
±0.2
4.5
±0.2
0.65
±0.10
13
2
M
A
B
E
I
D
L
M
K
Y
J
H
C
FG
Z
N
P
U
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com