Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3H2 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC3H2
Description  High Resistance to Noise, Half Pitch Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H2 Datasheet(HTML) 2 Page - Sharp Corporation

  PC3H2 Datasheet HTML 1Page - Sharp Corporation PC3H2 Datasheet HTML 2Page - Sharp Corporation PC3H2 Datasheet HTML 3Page - Sharp Corporation PC3H2 Datasheet HTML 4Page - Sharp Corporation PC3H2 Datasheet HTML 5Page - Sharp Corporation PC3H2 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PC3H2/PC3Q62
s Electro-optical Characteristics
Parameter
Conditions
Input
Forward voltage
IF
=20mA
VR
=4V
Terminal capacitance
Output
PC3H2
PC3Q62
Collector-emitter
IC
=0.1mA
IF
=0
Emitter-collector
IE
=10µA, IF=0
Ta
=25˚C, RL=470Ω
VCM
=1.5kV(peak)
IF
=0mA,VCC=9V,
Vnp
=100mV
Transfer
charac-
teristics
Collector current
IF
=1mA
VCE
=5V
Collector-emitter
saturation voltage
IF
=20mA
IC
=1mA
Isolation resistance
DC500V
40 to 60%RH
Floating capacitance
Common mode rejection voltage
V
=0, f=1MHz
Response time
Rise time
Fall time
MIN.
70
6
0.2
5
×1010
TYP.
1.2
30
0.1
1
×1011
0.6
4
3
MAX.
1.4
10
250
100
4.0
0.2
1.0
18
18
Collector dark current
breakdown voltage
breakdown voltage
Symbol
VF
IR
Ct
ICEO
BVCEO
BVECO
IC
VCE(sat)
Cf
tr
tf
RISO
CMR
V
=0, f=1kHz
Unit
V
nA
µA
V
V
mA
10
kV/
µs
V
pF
pF
µs
µs
VCE
=2V
IC
=2mA
RL
=100Ω
(Ta
=25˚C)
VCE
=50V, IF =0
VCE
=20V, IF =0
Reverse current
*5 Refer to Fig.1
*5
Fig.1 Test Circuit for Common Mode Rejection Voltage
VCM
Vcp
Vnp
VO
(dV/dt)
1)
RL
Vnp
VCC
VCM
1) Vcp : Voltage which is generated by displacement current in floating
capacitance between primary and secondary side.
(Vcp Nearly = dV/dt×Cf×RL)
VCM : High wave
pulse
RL=470Ω
VCC=9V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com