Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3H2 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC3H2
Description  High Resistance to Noise, Half Pitch Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H2 Datasheet(HTML) 5 Page - Sharp Corporation

  PC3H2 Datasheet HTML 1Page - Sharp Corporation PC3H2 Datasheet HTML 2Page - Sharp Corporation PC3H2 Datasheet HTML 3Page - Sharp Corporation PC3H2 Datasheet HTML 4Page - Sharp Corporation PC3H2 Datasheet HTML 5Page - Sharp Corporation PC3H2 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PC3H2/PC3Q62
Fig.14 Test Circuit for Response Time
IC=0.5mA
7mA
5mA
3mA
1mA
0
1
2
3
4
5
0
3
6
9
12
15
Forward current IF (mA)
Ta=25°C
Fig.16 Collector-emitter Saturation Voltage
vs. Forward Current
Fig.17 Reflow Soldering
−20
−10
0
0.1
1
10
100
1000
Frequency Response f (kHz)
VCE=5V
IC=2mA
Ta=25°C
RL=10kΩ
1k
Ω
100
Ω
Fig.15 Voltage Gain vs Frequency
10%
Input
Output
Input
Output
90%
ts
td
VCC
RD
RL
tf
tr
25
°C
2min
230
°C
200
°C
180
°C
1min
1min
1.5min
30s
Only one time soldering is recommended within the temperature
profile shown below.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com