Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3H2 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC3H2
Description  High Resistance to Noise, Half Pitch Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H2 Datasheet(HTML) 3 Page - Sharp Corporation

  PC3H2 Datasheet HTML 1Page - Sharp Corporation PC3H2 Datasheet HTML 2Page - Sharp Corporation PC3H2 Datasheet HTML 3Page - Sharp Corporation PC3H2 Datasheet HTML 4Page - Sharp Corporation PC3H2 Datasheet HTML 5Page - Sharp Corporation PC3H2 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PC3H2/PC3Q62
Forward voltage VF (V)
50
˚C
25
˚C
0
˚C
0
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
10
20
50
100
200
500
1
−25˚C
Ta
=75˚C
Pulse width
<=100µs
Ta=25°C
10
20
50
100
200
2000
500
1000
5
2
10
−3
5
2
10
−2
5
2
10
−2
5
1
Duty ratio
0
50
100
150
200
250
170
−30
0
25
50
75
100
125
Ambient temperature Ta (°C)
Fig.5 Total Power Dissipation vs. Ambient
Temperature
0
50
100
150
200
250
−30
0
25
50
75
100
125
Ambient temperature Ta (°C)
Fig.4 Collector Power Dissipation vs.
Ambient Temperature
Fig.7 Forward Current vs. Forward Voltage
Fig.6 Peak Forward Current vs. Duty Ratio
0
10
20
30
40
50
−30
0
25
75
100
125
55
50
Ambient temperature Ta (°C)
0
20
40
60
70
80
100
−30
0
25
75
100
125
55
50
Ambient temperature Ta (°C)
Fig.2 Forward Current vs. Ambient
Temperature
Fig.3 Diode Power Dissipation vs. Ambient
Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com