Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3H2 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC3H2
Description  High Resistance to Noise, Half Pitch Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H2 Datasheet(HTML) 1 Page - Sharp Corporation

  PC3H2 Datasheet HTML 1Page - Sharp Corporation PC3H2 Datasheet HTML 2Page - Sharp Corporation PC3H2 Datasheet HTML 3Page - Sharp Corporation PC3H2 Datasheet HTML 4Page - Sharp Corporation PC3H2 Datasheet HTML 5Page - Sharp Corporation PC3H2 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PC3H2/PC3Q62
PC3H2/PC3Q62
s Package Specifications
s Outline Dimensions
(Unit : mm)
High Resistance to Noise,
Half Pitch Photocoupler
1. Programmable controllers
s Features
s Applications
1. Half pitch surface mount type for high density mounting
(Lead pitch : 1.27 mm)
2. High resistance to noise due to high common mode rejection
voltage (CMR : MIN.10kV/
µs)
3. Soldering reflow type (230
°C, for 30seconds)
4. High temperature tested model
5. Taping package
PC3H2 (1ch)
PC3Q62 (4ch)
6. Recognized by UL, file No. E64380
Model No.
Package specification
PC3H2
PC3Q62
Taping reel diameter 330mm (1 000pcs)
Taping reel diameter 330mm (3 000pcs)
s Absolute Maximum Ratings
Soldering area
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/
PC3H2
PC3Q62
Parameter
Symbol
Rating
Unit
Input
Forward current
50
1
mA
A
6
V
Output
70
150
mW
mW
170
mW
70
6
V
V
50
mA
−30 to +100
˚C
Tstg Storage temperature
−40 to +125
˚C
260
˚C
Operating temperature
Reverse voltage
Peak forward current
Power dissipation
Collector-emitter voltage
Emitter-collector voltage
Collector current
Collector dissipation
IF
VR
IFM
P
VCEO
VECO
IC
PC
Tstg
Topr
Ptot
(Ta
=25˚C)
Soldering temperature
TSOL
2.5
kVrms
Viso Isolation voltage
Viso
*1
*1
*1
*1
*1
*3
*4
*2
*1 The derating factors of absolute maximum ratings due to ambient temperature
are shown in Fig.2 to 5
*2 Pulse width
<=100µs, Duty ratio:0.01, Refer to Fig.6
*3 AC for 1min., 40 to 60% RH, f
=60Hz
*4 For 10s
Total power dissipation
S
3H2
1
2
4
3
4
2
1
3
4.4±
0.2
5.3±
0.3
7.0+
0.2
−0.7
(1.7)
0.5+
0.4
−0.2
1
2
3
4
Anode
Cathode
Emitter
Collector
Internal connection diagram
g ( ) : Reference dimensions
Anode mark
Epoxy
resin
Parting line
C0.4
6
°
10.3±
0.3
1.27±
0.25
16
1
8
9
0.5+
0.4
−0.2
7.0+
0.2
−0.7
0.4±
0.1
5.3±
0.3
S
PC3Q62
Primary
Side
mark
Epoxy resin
12
3
4
5
6
7
8
16
1 3 5 7
Anode
2 4 6 8
Cathode
9 11 13 15
Emitter
10 12 14 16
Collector
15
14
13
12
11
10
9
Internal connection diagram


Similar Part No. - PC3H2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H2 SHARP-PC3H2 Datasheet
179Kb / 13P
Mini-flat Half Pitch Package, High CMR Photocoupler
PC3H2A SHARP-PC3H2A Datasheet
179Kb / 13P
Mini-flat Half Pitch Package, High CMR Photocoupler
PC3H2AB SHARP-PC3H2AB Datasheet
179Kb / 13P
Mini-flat Half Pitch Package, High CMR Photocoupler
PC3H2AC SHARP-PC3H2AC Datasheet
179Kb / 13P
Mini-flat Half Pitch Package, High CMR Photocoupler
PC3H2AD SHARP-PC3H2AD Datasheet
179Kb / 13P
Mini-flat Half Pitch Package, High CMR Photocoupler
More results

Similar Description - PC3H2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
High Speed Under High Load Resistance Photocoupler
PC812 SHARP-PC812 Datasheet
67Kb / 4P
High Noise Resistance Type Photocoupler
PC812C SHARP-PC812C Datasheet
70Kb / 4P
High Noise Resistance Type Photocoupler
PC3H2 SHARP-PC3H2 Datasheet
179Kb / 13P
Mini-flat Half Pitch Package, High CMR Photocoupler
PC3Q510NIP SHARP-PC3Q510NIP Datasheet
52Kb / 4P
Low Input Current, Half-Pitch Photocoupler
PC3Q65 SHARP-PC3Q65 Datasheet
52Kb / 4P
High Sensitivity Type Half Pitch Photocoupler
PC3H5 SHARP-PC3H5 Datasheet
48Kb / 4P
High Sensitivity Type Half Pitch Photocoupler
PC81100NSZ0F SHARP-PC81100NSZ0F Datasheet
234Kb / 14P
DIP 4pin High Speed under High Load Resistance Photocoupler
PC3H4AJ0000F SHARP-PC3H4AJ0000F Datasheet
200Kb / 13P
Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H4KJ0000F SHARP-PC3H4KJ0000F Datasheet
200Kb / 13P
Mini-flat Half Pitch Package, AC Input Photocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com