Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3002 Datasheet(PDF) 3 Page - Interpion semiconductor

Part # IP3002
Description  Power Factor Correction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP3002 Datasheet(HTML) 3 Page - Interpion semiconductor

  IP3002 Datasheet HTML 1Page - Interpion semiconductor IP3002 Datasheet HTML 2Page - Interpion semiconductor IP3002 Datasheet HTML 3Page - Interpion semiconductor IP3002 Datasheet HTML 4Page - Interpion semiconductor IP3002 Datasheet HTML 5Page - Interpion semiconductor IP3002 Datasheet HTML 6Page - Interpion semiconductor IP3002 Datasheet HTML 7Page - Interpion semiconductor IP3002 Datasheet HTML 8Page - Interpion semiconductor IP3002 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IP3002 / I3002
Power Factor Correction
April. 2004
- 3 -
http://www.interpionsemi.com
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage & Current Section
Start-up Threshold Voltage
Vth(st)
VCC Increasing
11
12
13
V
Hysteresis Voltage
HYS
2
2.5
3
V
Start-Up Current
Ist
Before Turn-On(VCC=11V)
20
50
90
uA
Quiescent Current
Iq
No Switching
1
4
7
mA
Operating Supply Current
Icc
CL=1nF,fsw=50KHz
2
5
8
mA
Operating Current at OVP
Icc_ovp
Vinv=2.7V
0.5
2
4
mA
Operating Current at Dis-
able
Icc_dis
Vzcd<150mV
0.5
2
4
mA
Input Volatge
Vinv
Ta=25°C
2.465
2.5
2.535
V
Line Regulation
dVinv
VCC=12 ~ 27V
-
0.1
5
mV
Input Bias Current
Iinv
-0.5
-0.1
0.5
uA
Open Loop Gain
Av
60
80
-
dB
Gain Bandwidth
GB
-
1
-
MHz
Output Source Current
Isource
Vcomp=4V,Vinv=2.4V
-2
-4
-
mA
Output Sink Current
Isink
Vcomp=4V,Vinv=2.6V
3
5
-
mA
Upper Clamp Voltage
Vupper
Io=
-100uA,Vinv=2.4V
-
5.6
-
V
Lower Clamp Voltage
Vlower
Io=100uA,Vinv=2.6V
-
2.25
-
V
Error Amplifier Section
(Ta =
-25°C to 125°C, VCC=14V unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com