Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3002 Datasheet(PDF) 4 Page - Interpion semiconductor

Part # IP3002
Description  Power Factor Correction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP3002 Datasheet(HTML) 4 Page - Interpion semiconductor

  IP3002 Datasheet HTML 1Page - Interpion semiconductor IP3002 Datasheet HTML 2Page - Interpion semiconductor IP3002 Datasheet HTML 3Page - Interpion semiconductor IP3002 Datasheet HTML 4Page - Interpion semiconductor IP3002 Datasheet HTML 5Page - Interpion semiconductor IP3002 Datasheet HTML 6Page - Interpion semiconductor IP3002 Datasheet HTML 7Page - Interpion semiconductor IP3002 Datasheet HTML 8Page - Interpion semiconductor IP3002 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IP3002 / I3002
Power Factor Correction
April. 2004
- 4 -
http://www.interpionsemi.com
ELECTRICAL CHARACTERISTICS (Continued)
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Multiplier Section
Linear Operating Voltage
Vmult
3
3.5
-
V
Output Maximum Slope
dVcs/dVmult
Vmult=0.5~0.9V,
Vcomp=Upper Clamp
1.3
1.5
1.7
Multiplier Gain
K
Ta=25°C
Vmult=1V, Vcomp=3.5V
0.45
0.6
0.75
1/V
Current Sense (CS) Section
Reference Clamp Volatge
Vcs
Vmult=2.5V,
Vcomp=Upper Clamp
1.6
1.75
1.9
V
Input Bias Current
Ics
Vcs=0~1.6V
-1
0
1
uA
Zero Current Detector (ZCD) Section
Input Threshold Voltage
Vzcd
Vzcd Increasing
1.8
2.1
2.4
V
Hysteresis Voltage
HY(zcd)
-
0.5
-
V
Upper Clamp Voltage
Vclamp(h)
Izcd=3mA
5
5.6
6.4
V
Lower Clamp Voltage
Vclamp(l)
Izcd=
-3mA
0.3
0.65
-
V
Input Bias Current
Izcd
Vzcd=1~3V
-
1
-
uA
Source Current
Isource(zcd)
-3
-
-
mA
Sink Current
Isink(zcd)
3
-
-
mA
Disable Input Voltage
Vdis
Vzcd Decreasing
150
200
250
mV
Reset Current after Disable
Idis
Pin5=0V
-100
-200
-300
uA
Restart Timer Section
Restart Time delay
trst
70
150
400
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com