Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3002 Datasheet(PDF) 5 Page - Interpion semiconductor

Part # IP3002
Description  Power Factor Correction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP3002 Datasheet(HTML) 5 Page - Interpion semiconductor

  IP3002 Datasheet HTML 1Page - Interpion semiconductor IP3002 Datasheet HTML 2Page - Interpion semiconductor IP3002 Datasheet HTML 3Page - Interpion semiconductor IP3002 Datasheet HTML 4Page - Interpion semiconductor IP3002 Datasheet HTML 5Page - Interpion semiconductor IP3002 Datasheet HTML 6Page - Interpion semiconductor IP3002 Datasheet HTML 7Page - Interpion semiconductor IP3002 Datasheet HTML 8Page - Interpion semiconductor IP3002 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IP3002 / I3002
Power Factor Correction
April. 2004
- 5 -
http://www.interpionsemi.com
ELECTRICAL CHARACTERISTICS (Continued)
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Output Section
High Voltage
Voh
Io =
-10mA
11
12
13
V
Maximum Voltage
Vomax
VCC=20V,Io=
-100uA
12
14
16
V
Low Voltage
Vol
Io=10mA
-
-
1
V
Voltage with UVLO Acti-
vated
Vo(uv)
Io=5mA
-
-
1
V
Rising Time
tr
CL=1nF
-
100
-
ns
Falling Time
tf
CL=1nF
-
50
-
ns
Dynamic OVP Bias Current
Iovp
35
40
45
uA
Static OVP Threshold Volt-
age
Vovp
Vinv=2.7V
2.1
2.25
2.4
V
Over Voltage Protector (OVP) Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com