Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3002 Datasheet(PDF) 1 Page - Interpion semiconductor

Part # IP3002
Description  Power Factor Correction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP3002 Datasheet(HTML) 1 Page - Interpion semiconductor

  IP3002 Datasheet HTML 1Page - Interpion semiconductor IP3002 Datasheet HTML 2Page - Interpion semiconductor IP3002 Datasheet HTML 3Page - Interpion semiconductor IP3002 Datasheet HTML 4Page - Interpion semiconductor IP3002 Datasheet HTML 5Page - Interpion semiconductor IP3002 Datasheet HTML 6Page - Interpion semiconductor IP3002 Datasheet HTML 7Page - Interpion semiconductor IP3002 Datasheet HTML 8Page - Interpion semiconductor IP3002 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IP3002 / I3002
Power Factor Correction
April. 2004
- 1 -
http://www.interpionsemi.com
It is adaptable to a discontinuous mode of operation
that the IP3002 is PFC (Power Factor Correction)
controller for the high density switching mode power
supply and electronic ballast systems. The bulky
external components are eliminated in the internal
start-up circuits, though it is taken in independent
boost converter operation. What is more, instead of
the external components, the low pass filter is
mounted in internal current sense block. Internal
clamping of the error amplifier and multiplier output
improve turn on overshoot characteristics and current
limiting. The one of features is able to prevent abnor-
mal condition, open lamp & over voltage.
●
Very Precise Adjustable Output OVP (Dynamic &
Static OVP Function)
●
Extremely Low Start-Up Current
●
Very Low Operating Supply Current
●
Internal Start-Up Timer
●
Current Sense Filter On Chip
●
Disable Function
●
Extremely Minimized External Part Counts
●
8DIP / 8SOP package
Device
Package
Operating Temp
IP3002
8DIP
I3002
8SOP
-25°C ~ 125°C
DESCRIPTIONS
BLOCK DIAGRAM
ORDER INFORMATION
FEATURES
8SOP
8DIP
APPLICATIONS
●
Switching Mode Power Supply (SMPS)
●
Electronics Ballast


Similar Part No. - IP3002

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP3005A INJOINIC-IP3005A Datasheet
891Kb / 10P
2.1A Charging 2.4 A Discharge Highly Integrated Mobile Power SOC
More results

Similar Description - IP3002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B4207A175 EPCOS-B25667B4207A175 Datasheet
135Kb / 3P
Power Factor Correction
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
Power Factor Correction
B25667B2457A375 EPCOS-B25667B2457A375 Datasheet
135Kb / 3P
Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
Power Factor Correction
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
Power Factor Correction
logo
EPCOS
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com