Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 109 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 105Page - STMicroelectronics ST72340 Datasheet HTML 106Page - STMicroelectronics ST72340 Datasheet HTML 107Page - STMicroelectronics ST72340 Datasheet HTML 108Page - STMicroelectronics ST72340 Datasheet HTML 109Page - STMicroelectronics ST72340 Datasheet HTML 110Page - STMicroelectronics ST72340 Datasheet HTML 111Page - STMicroelectronics ST72340 Datasheet HTML 112Page - STMicroelectronics ST72340 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 191 page
background image
ST72340, ST72344, ST72345
109/191
SCI SERIAL COMMUNICATION INTERFACE (Cont’d)
11.5.7 Register Description
STATUS REGISTER (SCISR)
Read Only
Reset Value: 1100 0000 (C0h)
Bit 7 = TDRE Transmit data register empty.
This bit is set by hardware when the content of the
TDR register has been transferred into the shift
register. An interrupt is generated if the TIE bit = 1
in the SCICR2 register. It is cleared by a software
sequence (an access to the SCISR register fol-
lowed by a write to the SCIDR register).
0: Data is not transferred to the shift register
1: Data is transferred to the shift register
Note: Data is not transferred to the shift register
until the TDRE bit is cleared.
Bit 6 = TC Transmission complete.
This bit is set by hardware when transmission of a
frame containing Data is complete. An interrupt is
generated if TCIE = 1 in the SCICR2 register. It is
cleared by a software sequence (an access to the
SCISR register followed by a write to the SCIDR
register).
0: Transmission is not complete
1: Transmission is complete
Note: TC is not set after the transmission of a Pre-
amble or a Break.
Bit 5 = RDRF Received data ready flag.
This bit is set by hardware when the content of the
RDR register has been transferred to the SCIDR
register. An interrupt is generated if RIE = 1 in the
SCICR2 register. It is cleared by a software se-
quence (an access to the SCISR register followed
by a read to the SCIDR register).
0: Data is not received
1: Received data is ready to be read
Bit 4 = IDLE Idle line detect.
This bit is set by hardware when an Idle Line is de-
tected. An interrupt is generated if the ILIE = 1 in
the SCICR2 register. It is cleared by a software se-
quence (an access to the SCISR register followed
by a read to the SCIDR register).
0: No Idle Line is detected
1: Idle Line is detected
Note: The IDLE bit is not set again until the RDRF
bit has been set itself (that is, a new idle line oc-
curs).
Bit 3 = OR Overrun error.
This bit is set by hardware when the word currently
being received in the shift register is ready to be
transferred into the RDR register while RDRF = 1.
An interrupt is generated if RIE = 1 in the SCICR2
register. It is cleared by a software sequence (an
access to the SCISR register followed by a read to
the SCIDR register).
0: No Overrun error
1: Overrun error is detected
Note: When this bit is set, the RDR register con-
tent is not lost but the shift register is overwritten.
Bit 2 = NF Noise flag.
This bit is set by hardware when noise is detected
on a received frame. It is cleared by a software se-
quence (an access to the SCISR register followed
by a read to the SCIDR register).
0: No noise is detected
1: Noise is detected
Note: This bit does not generate interrupt as it ap-
pears at the same time as the RDRF bit which it-
self generates an interrupt.
Bit 1 = FE Framing error.
This bit is set by hardware when a desynchroniza-
tion, excessive noise or a break character is de-
tected. It is cleared by a software sequence (an
access to the SCISR register followed by a read to
the SCIDR register).
0: No Framing error is detected
1: Framing error or break character is detected
Note: This bit does not generate an interrupt as it
appears at the same time as the RDRF bit which it-
self generates an interrupt. If the word currently
being transferred causes both frame error and
overrun error, it is transferred and only the OR bit
is set.
Bit 0 = PE Parity error.
This bit is set by hardware when a parity error oc-
curs in receiver mode. It is cleared by a software
sequence (a read to the status register followed by
an access to the SCIDR data register). An inter-
rupt is generated if PIE = 1 in the SCICR1 register.
0: No parity error
1: Parity error
70
TDRE
TC
RDRF
IDLE
OR
NF
FE
PE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com