Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 112 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 108Page - STMicroelectronics ST72340 Datasheet HTML 109Page - STMicroelectronics ST72340 Datasheet HTML 110Page - STMicroelectronics ST72340 Datasheet HTML 111Page - STMicroelectronics ST72340 Datasheet HTML 112Page - STMicroelectronics ST72340 Datasheet HTML 113Page - STMicroelectronics ST72340 Datasheet HTML 114Page - STMicroelectronics ST72340 Datasheet HTML 115Page - STMicroelectronics ST72340 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 191 page
background image
ST72340, ST72344, ST72345
112/191
SCI SERIAL COMMUNICATION INTERFACE (Cont’d)
DATA REGISTER (SCIDR)
Read/Write
Reset Value: Undefined
Contains the Received or Transmitted data char-
acter, depending on whether it is read from or writ-
ten to.
The Data register performs a double function (read
and write) since it is composed of two registers,
one for transmission (TDR) and one for reception
(RDR).
The TDR register provides the parallel interface
between the internal bus and the output shift reg-
ister (see Figure 1).
The RDR register provides the parallel interface
between the input shift register and the internal
bus (see Figure 1).
BAUD RATE REGISTER (SCIBRR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:6 = SCP[1:0] First SCI Prescaler
These 2 prescaling bits allow several standard
clock division ranges:
Bits 5:3 = SCT[2:0] SCI Transmitter rate divisor
These 3 bits, in conjunction with the SCP1 and
SCP0 bits define the total division applied to the
bus clock to yield the transmit rate clock in conven-
tional Baud Rate Generator mode.
Note: This TR factor is used only when the ETPR
fine tuning factor is equal to 00h; otherwise, TR is
replaced by the (TR*ETPR) dividing factor.
Bits 2:0 = SCR[2:0] SCI Receiver rate divisor.
These 3 bits, in conjunction with the SCP1 and
SCP0 bits define the total division applied to the
bus clock to yield the receive rate clock in conven-
tional Baud Rate Generator mode.
Note: This RR factor is used only when the ERPR
fine tuning factor is equal to 00h; otherwise, RR is
replaced by the (RR*ERPR) dividing factor.
70
DR7
DR6
DR5
DR4
DR3
DR2
DR1
DR0
70
SCP1
SCP0
SCT2
SCT1
SCT0
SCR2
SCR1
SCR0
PR Prescaling factor
SCP1
SCP0
1
0
0
31
4
1
0
13
1
TR dividing factor
SCT2
SCT1
SCT0
1
0
0
0
21
4
1
0
81
16
1
0
0
32
1
64
1
0
128
1
RR dividing factor
SCR2
SCR1
SCR0
1
0
0
0
21
4
1
0
81
16
1
0
0
32
1
64
1
0
128
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com