Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 117Page - STMicroelectronics ST72340 Datasheet HTML 118Page - STMicroelectronics ST72340 Datasheet HTML 119Page - STMicroelectronics ST72340 Datasheet HTML 120Page - STMicroelectronics ST72340 Datasheet HTML 121Page - STMicroelectronics ST72340 Datasheet HTML 122Page - STMicroelectronics ST72340 Datasheet HTML 123Page - STMicroelectronics ST72340 Datasheet HTML 124Page - STMicroelectronics ST72340 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 191 page
background image
ST72340, ST72344, ST72345
121/191
I2C BUS INTERFACE (Cont’d)
11.6.5 Low Power Modes
11.6.6 Interrupts
Figure 67. Event Flags and Interrupt Generation
Note: The I2C interrupt events are connected to
the same interrupt vector (see Interrupts chapter).
They generate an interrupt if the corresponding
Enable Control Bit is set and the I-bit in the CC reg-
ister is reset (RIM instruction).
Mode
Description
WAIT
No effect on I2C interface.
I2C interrupts cause the device to exit from WAIT mode.
HALT
I2C registers are frozen.
In HALT mode, the I2C interface is inactive and does not acknowledge data on the bus. The I2C interface
resumes operation when the MCU is woken up by an interrupt with “exit from HALT mode” capability.
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
10-bit Address Sent Event (Master mode)
ADD10
ITE
Yes
No
End of Byte Transfer Event
BTF
Yes
No
Address Matched Event (Slave mode)
ADSL
Yes
No
Start Bit Generation Event (Master mode)
SB
Yes
No
Acknowledge Failure Event
AF
Yes
No
Stop Detection Event (Slave mode)
STOPF
Yes
No
Arbitration Lost Event (Multimaster configuration)
ARLO
Yes
No
Bus Error Event
BERR
Yes
No
BTF
ADSL
SB
AF
STOPF
ARLO
BERR
EVF
INTERRUPT
ITE
*
* EVF can also be set by EV6 or an error from the SR2 register.
ADD10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com