Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 121Page - STMicroelectronics ST72340 Datasheet HTML 122Page - STMicroelectronics ST72340 Datasheet HTML 123Page - STMicroelectronics ST72340 Datasheet HTML 124Page - STMicroelectronics ST72340 Datasheet HTML 125Page - STMicroelectronics ST72340 Datasheet HTML 126Page - STMicroelectronics ST72340 Datasheet HTML 127Page - STMicroelectronics ST72340 Datasheet HTML 128Page - STMicroelectronics ST72340 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 191 page
background image
ST72340, ST72344, ST72345
125/191
I2C BUS INTERFACE (Cont’d)
I2C CLOCK CONTROL REGISTER (CCR)
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7 = FM/SM Fast/Standard I2C mode.
This bit is set and cleared by software. It is not
cleared when the interface is disabled (PE=0).
0: Standard I2C mode
1: Fast I2C mode
Bit 6:0 = CC[6:0] 7-bit clock divider.
These bits select the speed of the bus (FSCL) de-
pending on the I2C mode. They are not cleared
when the interface is disabled (PE=0).
Refer to the Electrical Characteristics section for
the table of values.
Note: The programmed FSCL assumes no load on
SCL and SDA lines.
I2C DATA REGISTER (DR)
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7:0 = D[7:0] 8-bit Data Register.
These bits contain the byte to be received or trans-
mitted on the bus.
– Transmitter mode: Byte transmission start auto-
matically when the software writes in the DR reg-
ister.
– Receiver mode: the first data byte is received au-
tomatically in the DR register using the least sig-
nificant bit of the address.
Then, the following data bytes are received one
by one after reading the DR register.
70
FM/SM
CC6
CC5
CC4
CC3
CC2
CC1
CC0
70
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com