Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 125Page - STMicroelectronics ST72340 Datasheet HTML 126Page - STMicroelectronics ST72340 Datasheet HTML 127Page - STMicroelectronics ST72340 Datasheet HTML 128Page - STMicroelectronics ST72340 Datasheet HTML 129Page - STMicroelectronics ST72340 Datasheet HTML 130Page - STMicroelectronics ST72340 Datasheet HTML 131Page - STMicroelectronics ST72340 Datasheet HTML 132Page - STMicroelectronics ST72340 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 191 page
background image
ST72340, ST72344, ST72345
129/191
I2C3S INTERFACE (Cont’d)
11.7.3 General Description
In addition to receiving and transmitting data,
I2C3S converts it from serial to parallel format and
vice versa. The interrupts are enabled or disabled
by software. The I2C3S is connected to the I2C
bus by a data pin (SDA) and by a clock pin (SCL).
It can be connected both with a standard I2C bus
and a Fast I2C bus. The interface operates only in
Slave mode as transmitter/receiver.
In order to fully emulate standard I2C EEPROM
devices with highest transfer speed, the peripheral
prevents I2C clock signal stretching and performs
data transfer between the shift register and the
RAM buffers using DMA.
11.7.3.1 Communication Flow
A serial data transfer normally begins with a start
condition and ends with a stop condition. Both
start and stop conditions are generated by an ex-
ternal master. Refer to Figure 64 for the standard
protocol. The I2C3S is not a master and is not ca-
pable of generating a start/stop condition on the
SDA line. The I2C3S is capable of recognising 3
slave addresses which are user programmable.
The three I2C slave addresses can be individually
enabled/disabled by software.
Since the I2C3S interface always acts as a slave it
does not generate a clock. Data and addresses
are transferred as 8-bit bytes, MSB first. The first
byte following the start condition contains the
slave address. A 9th clock pulse follows the 8
clock cycles of a byte transfer, during which the re-
ceiver must send an acknowledge bit to the trans-
mitter.
11.7.3.2 SDA/SCL Line Control
When the I2C3S interface is enabled, the SDA and
SCL ports must be configured as floating inputs. In
this case, the value of the external pull-up resistor
used depends on the application.
When the I2C3S interface is disabled, the SDA
and SCL ports revert to being standard I/O port
pins.
Figure 69. I2C BUS Protocol
SCL
SDA
12
8
9
MSB
ACK
STOP
START
CONDITION
CONDITION
VR02119B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com