Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 128Page - STMicroelectronics ST72340 Datasheet HTML 129Page - STMicroelectronics ST72340 Datasheet HTML 130Page - STMicroelectronics ST72340 Datasheet HTML 131Page - STMicroelectronics ST72340 Datasheet HTML 132Page - STMicroelectronics ST72340 Datasheet HTML 133Page - STMicroelectronics ST72340 Datasheet HTML 134Page - STMicroelectronics ST72340 Datasheet HTML 135Page - STMicroelectronics ST72340 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 191 page
background image
ST72340, ST72344, ST72345
132/191
Figure 71. 16-bit Word Read Operation Flowchart
11.7.4.5 Application Note
Taking full advantage of its higher interrupt priority
Slave 3 can be used to allow the addressing mas-
ter to send data bytes as commands to the ST7.
These commands can be decoded by the ST7
software to perform various operations such as
programming the Data E2PROM via IAP (In-Appli-
cation Programming).
Slave 3 writes the command byte and other data in
the RAM and generates an interrupt. The ST7 then
decodes the command and processes the data as
decoded from the command byte. The ST7 also
writes a status byte in the RAM which the address-
ing master can poll.
11.7.5 Address Handling
As soon as a start condition is detected, the
address is received from the SDA line and sent to
the shift register. Then it is compared with the
three addresses of the interface to decode which
slave of the interface is being addressed.
Address not matched: the interface ignores it
and waits for another Start condition.
Address matched: the interface generates in se-
quence the following:
– An Acknowledge pulse
– Depending on the LSB of the slave address sent
by the master, slaves enter transmitter or receiv-
er mode.
– Send an interrupt to the CPU after completion of
the read/write operation after detecting the Stop/
Restart condition on the SDA line.
SENDS ADDRESS
AND READ BIT
DECODES I2C3SNS ADDRESS
DECODES R/W BIT
SETS READ FLAG
SENDS READ ADDRESS
RECEIVES BYTE 1
STOP CONDITION
UPDATES CURRENT ADDRESS-
ISSUES DMA REQUEST
READS 1 WORD FROM RAM
RELEASES DMA
RESETS READ FLAG
HALTS EXECUTION
RESUMES EXECUTION
SERVICES I2C3SNS INTERRUPT
READS I2C3SNS STATUS REGISTER
REGISTER
Y
N
Y
N
SHADOW REG => SHIFT REG
RECEIVES BYTE 2
DELAYS WHILE CPU
COMPLETES WORD WRITE
UPDATES STATUS + DMA CNTL
WORD MODE?
STOP?
BYTE 1 => SHIFT REG
BYTE 2 => SHADOW REG
HOST
ST7 CPU
ST7 I2C3SNS
Repeat
RAM start address depends on slave address
Byte-Pair Coherency ensured by setting Word Mode + DMA on Words
NORMAL EXECUTION
Max
3 Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com