Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 133Page - STMicroelectronics ST72340 Datasheet HTML 134Page - STMicroelectronics ST72340 Datasheet HTML 135Page - STMicroelectronics ST72340 Datasheet HTML 136Page - STMicroelectronics ST72340 Datasheet HTML 137Page - STMicroelectronics ST72340 Datasheet HTML 138Page - STMicroelectronics ST72340 Datasheet HTML 139Page - STMicroelectronics ST72340 Datasheet HTML 140Page - STMicroelectronics ST72340 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 191 page
background image
ST72340, ST72344, ST72345
137/191
Note: Read/Write interrupts are generated only after stop or restart conditions. Figure 80 shows the con-
ditions for the generation of the two interrupts.
11.7.8 Register Description
I2C 3S CONTROL REGISTER 1 (I2C3SCR1)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 7:6 = PL1:0 Page length configuration
This bit is set and cleared by software. It is also
cleared by hardware when the interface is disa-
bled (PE=0).
Bit 5 = Reserved, must be kept at 0.
Bit 4 = ITER BERR / NACK Interrupt enable
This bit is set and cleared by software. It is also
cleared by hardware when the interface is disa-
bled (PE=0).
0: BERR / NACK interrupt disabled
1: BERR / NACK interrupt enabled
Note: In case of error, if ITER is enabled either in-
terrupt 1 or 2 is generated depending on which
slave flags the error (see Figure 80).
Bit 3= ITRE3 Interrupt enable on read from Slave 3
This bit is set and cleared by software It is also
cleared by hardware when interface is disabled
(PE =0).
0: Interrupt on Read from Slave 3 disabled
1: Interrupt on Read from Slave 3 enabled
Bit 2 = ITRE1/2 Interrupt enable on read from
Slave 1 or 2
This bit is set and cleared by software It is also
cleared by hardware when interface is disabled
(PE =0)
0: Interrupt on Read from Slave 1 or 2 disabled
1: Interrupt on Read from Slave 1 or 2 enabled
Bit 1= ITWE3 Interrupt enable on write to Slave 3
This bit is set and cleared by software. It is also
cleared by hardware when interface is disabled.
0: Interrupt after write to Slave 3 disabled
1: Interrupt after write to Slave 3 enabled
Bit 0 = ITWE1/2 Interrupt enable on write to Slave
1 or 2
This bit is set and cleared by software. It is also
cleared by hardware when interface is disabled
software. It is also cleared by hardware when
when interface is disabled.
0: Interrupt after write to Slave 1 or 2 disabled
1: Interrupt after write to Slave 1 or 2 enabled
I2C CONTROL REGISTER 2 (I2C3SCR2)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 7:5 = Reserved, must be kept at 0.
Bit 4= WP2 Write Protect enable for Slave 2
This bit is set and cleared by software. It is also
cleared by hardware when the interface is disa-
bled (PE=0)
0: Write access to Slave 2 RAM buffer enabled
1: Write access to Slave 2 RAM buffer disabled
Interrupt Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
Interrupt on write to Slave 1
WF1
ITWE1
Yes
No
Interrupt on write to Slave 2
WF2
ITWE1
Yes
No
Interrupt on write to Slave 3
WF3
ITWE2
Yes
No
Interrupt on Read from Slave 1, Slave 2 or Slave 3.
RF1- RF3
ITREx
Yes
No
Errors
BERR,
NACK
ITER
Yes
No
70
PL1
PL0
0
ITER
ITRE3
ITRE1/
2
ITWE3
ITWE
1/2
PL1
PL0
Page length
00
8
01
16
10
Full Page (256 bytes for slave 1 & 2, 128
bytes for slave 3)
11
NA
70
0
0
0
WP2
WP1
PE
BusyW
B/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com