Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 136Page - STMicroelectronics ST72340 Datasheet HTML 137Page - STMicroelectronics ST72340 Datasheet HTML 138Page - STMicroelectronics ST72340 Datasheet HTML 139Page - STMicroelectronics ST72340 Datasheet HTML 140Page - STMicroelectronics ST72340 Datasheet HTML 141Page - STMicroelectronics ST72340 Datasheet HTML 142Page - STMicroelectronics ST72340 Datasheet HTML 143Page - STMicroelectronics ST72340 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 191 page
background image
ST72340, ST72344, ST72345
140/191
I2C3S INTERFACE (Cont’d)
I2C SLAVE 3 ADDRESS REGISTER
(I2C3SSAR3)
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7:1 = ADDR[7:1] Address of Slave 3
This register contains the first 7 bits of Slave 3 ad-
dress (excluding the LSB) and is user programma-
ble. It is also cleared by hardware when interface
is disabled (PE =0).
Bit 0= EN3 Enable bit for Slave Address 3
This bit is used to enable/disable Slave Address 3.
It is also cleared by hardware when interface is
disabled (PE =0).
0: Slave Address 3 disabled
1: Slave Address 3 enabled
I2C SLAVE 1 MEMORY CURRENT ADDRESS
REGISTER (I2C3SCAR1)
Read only
Reset Value: 0000 0000 (00h)
Bit 7:0 = CA[7:0] Current address of Slave 1 buffer
This register contains the 8 bit offset of Slave Ad-
dress 1 reserved area in RAM. It is also cleared by
hardware when interface is disabled (PE =0).
I2C SLAVE 2 MEMORY CURRENT ADDRESS
REGISTER (I2C3SCAR2)
Read only
Reset Value: 0000 0000 (00h)
Bit 7:0 = CA[7:0] Current address of Slave 2 buffer
This register contains the 8-bit offset of Slave Ad-
dress 2 reserved area in RAM. It is also cleared by
hardware when interface is disabled (PE =0).
I2C SLAVE 3 MEMORY CURRENT ADDRESS
REGISTER (I2C3SCAR3)
Read only
Reset Value: 0000 0000 (00h)
Bit 6:0 = CA[6:0] Current address of Slave 3 buffer
This register contains the 8-bit offset of slave ad-
dress 3 reserved area in RAM. It is also cleared by
hardware when interface is disabled (PE =0).
Note: Slave address 3 can store only 128 bytes.
For slave address 3, CA7 bit will remain 0. i.e. if
the Byte Address sent is 0x80 then the Current Ad-
dress register will hold the value 0x00 due to an
overflow.
70
ADDR
7
ADDR
6
ADDR
5
ADDR
4
ADDR
3
ADDR
2
ADDR
1
EN3
70
CA7
CA6
CA5
CA4
CA3
CA2
CA1
CA0
70
CA7
CA6
CA5
CA4
CA3
CA2
CA1
CA0
70
CA7
CA6
CA5
CA4
CA3
CA2
CA1
CA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com