Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 140Page - STMicroelectronics ST72340 Datasheet HTML 141Page - STMicroelectronics ST72340 Datasheet HTML 142Page - STMicroelectronics ST72340 Datasheet HTML 143Page - STMicroelectronics ST72340 Datasheet HTML 144Page - STMicroelectronics ST72340 Datasheet HTML 145Page - STMicroelectronics ST72340 Datasheet HTML 146Page - STMicroelectronics ST72340 Datasheet HTML 147Page - STMicroelectronics ST72340 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 191 page
background image
ST72340, ST72344, ST72345
144/191
10-BIT A/D CONVERTER (ADC) (Cont’d)
11.8.6 Register Description
CONTROL/STATUS REGISTER (ADCCSR)
Read/Write (Except bit 7 read only)
Reset Value: 0000 0000 (00h)
Bit 7 = EOC End of Conversion
This bit is set by hardware. It is cleared by hard-
ware when software reads the ADCDRH register
or writes to any bit of the ADCCSR register.
0: Conversion is not complete
1: Conversion complete
Bit 6 = SPEED ADC clock selection
This bit is set and cleared by software.
0: fADC = fCPU/4
1: fADC = fCPU/2
Bit 5 = ADON A/D Converter on
This bit is set and cleared by software.
0: Disable ADC and stop conversion
1: Enable ADC and start conversion
Bit 4 = Reserved. Must be kept cleared.
Bits 3:0 = CH[3:0] Channel Selection
These bits are set and cleared by software. They
select the analog input to convert.
*The number of channels is device dependent. Refer to
the device pinout description.
DATA REGISTER (ADCDRH)
Read Only
Reset Value: 0000 0000 (00h)
Bits 7:0 = D[9:2] MSB of Converted Analog Value
DATA REGISTER (ADCDRL)
Read Only
Reset Value: 0000 0000 (00h)
Bits7:2 = Reserved. Forced by hardware to 0.
Bits 1:0 = D[1:0] LSB of Converted Analog Value
70
EOC
SPEED ADON
0
CH3
CH2
CH1
CH0
Channel Pin*
CH3
CH2
CH1
CH0
AIN0
0
0
0
0
AIN1
0
0
0
1
AIN2
0
0
1
0
AIN3
0
0
1
1
AIN4
0
1
0
0
AIN5
0
1
0
1
Reserved
0
1
1
0
Reserved
0
1
1
1
AIN8
1
0
0
0
Reserved
1
0
0
1
AIN10
1
0
1
0
Reserved
1
0
1
1
AIN12
1
1
0
0
AIN13
1
1
0
1
AIN14
1
1
1
0
AIN15
1
1
1
1
70
D9
D8
D7
D6
D5
D4
D3
D2
70
0
000
00
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com