Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 158 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 154Page - STMicroelectronics ST72340 Datasheet HTML 155Page - STMicroelectronics ST72340 Datasheet HTML 156Page - STMicroelectronics ST72340 Datasheet HTML 157Page - STMicroelectronics ST72340 Datasheet HTML 158Page - STMicroelectronics ST72340 Datasheet HTML 159Page - STMicroelectronics ST72340 Datasheet HTML 160Page - STMicroelectronics ST72340 Datasheet HTML 161Page - STMicroelectronics ST72340 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 191 page
background image
ST72340, ST72344, ST72345
158/191
SUPPLY CURRENT CHARACTERISTICS
Figure 86. Typical IDD in RUN vs. fCPU
Figure 87. Typical IDD in RUN at fCPU = 8MHz
Figure 88. Typical IDD in SLOW vs. fCPU
Figure 89. Typical IDD in WAIT vs. fCPU
Figure 90. Typical IDD in WAIT at fCPU= 8MHz
Figure 91. Typical IDD in SLOW-WAIT vs. fCPU
Figure 92. Typical IDD vs. Temp. at VDD = 5V and
fCPU = 8MHz
0
1
2
3
4
5
6
7
8
9
22.5
33.5
4
4.5
55.5
66.5
Vdd (V)
.5
1
2
4
6
8
Note: Graph displays data beyond the normal operating range of 3V - 5.5V
Note: Graph displays data beyond the normal operating range of 3V - 5.5V
0
1
2
3
4
5
6
7
8
9
22.5
33.5
4
4.5
55.5
66.5
Vdd (V)
140°C
90°C
25°C
-5°C
-45°C
Note: Graph displays data beyond the normal operating range of 3V - 5.5V
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
6
5
4
3.3
2.7
VDD (V)
250KHz
125KHz
62KHz
Note: Graph displays data beyond the normal operating range of 3V - 5.5V
0
0.5
1
1.5
2
2.5
3
3.5
4
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
Vdd (V)
0.5
1
2
4
6
8
Note: Graph displays data beyond the normal operating range of 3V - 5.5V
0
0.5
1
1.5
2
2.5
3
3.5
4
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
Vdd (V)
0.5
1
2
4
6
8
Note: Graph displays data beyond the normal operating range of 3V - 5.5V
0.00
0.10
0.20
0.30
0.40
0.50
0.60
6
5
4
3.3
2.7
VDD (V)
250KHz
125KHz
62KHz
Note: Graph displays data beyond the normal operating range of 3V - 5.5V
0.00
1.00
2.00
3.00
4.00
5.00
6.00
-45
25
90
110
Temperature (°C)
RUN
WAIT
SLOW
SLOW-WAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com