Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 161 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 161 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 157Page - STMicroelectronics ST72340 Datasheet HTML 158Page - STMicroelectronics ST72340 Datasheet HTML 159Page - STMicroelectronics ST72340 Datasheet HTML 160Page - STMicroelectronics ST72340 Datasheet HTML 161Page - STMicroelectronics ST72340 Datasheet HTML 162Page - STMicroelectronics ST72340 Datasheet HTML 163Page - STMicroelectronics ST72340 Datasheet HTML 164Page - STMicroelectronics ST72340 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 191 page
background image
ST72340, ST72344, ST72345
161/191
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
13.7.4 Crystal and Ceramic Resonator Oscillators
The ST7 internal clock can be supplied with four
different Crystal/Ceramic resonator oscillators. All
the information given in this paragraph is based on
characterization results with specified typical ex-
ternal components. In the application, the resona-
tor and the load capacitors have to be placed as
close as possible to the oscillator pins in order to
minimize output distortion and start-up stabiliza-
tion time. Refer to the crystal/ceramic resonator
manufacturer for more details (frequency, pack-
age, accuracy...).
Notes:
1. The oscillator selection can be optimized in terms of supply current using an high quality resonator with small RS value.
Refer to crystal/ceramic resonator manufacturer for more details.
2. Data based on characterisation results, not tested in production. The relatively low value of the RF resistor, offers a
good protection against issues resulting from use in a humid environment, due to the induced leakage and the bias con-
dition change. However, it is recommended to take this point into account if the µC is used in tough humidity conditions.
3. For CL1 and CL2 it is recommended to use high-quality ceramic capacitors in the 5-pF to 25-pF range (typ.) designed
for high-frequency applications and selected to match the requirements of the crystal or resonator. CL1 and CL2, are usu-
ally the same size. The crystal manufacturer typically specifies a load capacitance which is the series combination of CL1
and CL2. PCB and MCU pin capacitance must be included when sizing CL1 and CL2 (10 pF can be used as a rough esti-
mate of the combined pin and board capacitance).
Figure 94. Typical Application with a Crystal or Ceramic Resonator
Symbol
Parameter
Conditions
Min
Max
Unit
fOSC
Oscillator Frequency 1)
116
MHz
RF
Feedback resistor2)
20
40
k
Ω
CL1
CL2
Recommended load capacitance ver-
sus equivalent serial resistance of the
crystal or ceramic resonator (RS)
3)
fOSC= 1 to 2 MHz
fOSC= 2 to 4 MHz
fOSC= 4 to 8 MHz
fOSC= 8 to 16 MHz
20
20
15
15
60
50
35
35
pF
Symbol
Parameter
Conditions
Typ
Max
Unit
i2
OSC2 driving current
VDD=5V:
fOSC= 2MHz, C0 = 6pF, Cl1 = Cl2 = 68pF
fOSC= 4MHz, C0 = 6pF, Cl1 = Cl2 = 68pF
fOSC= 8MHz, C0 = 6pF, Cl1 = Cl2 = 40pF
fOSC= 16MHz, C0 = 7pF, Cl1 = Cl2 = 20pF
426
425
456
660
µA
OSC2
OSC1
fOSC
CL1
CL2
i2
RF
ST72XXX
RESONATOR
WHEN RESONATOR WITH
INTEGRATED CAPACITORS
VDD/2
Ref
POWER DOWN
LOGIC
FEEDBACK
LOOP
LINEAR
AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com