Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 161Page - STMicroelectronics ST72340 Datasheet HTML 162Page - STMicroelectronics ST72340 Datasheet HTML 163Page - STMicroelectronics ST72340 Datasheet HTML 164Page - STMicroelectronics ST72340 Datasheet HTML 165Page - STMicroelectronics ST72340 Datasheet HTML 166Page - STMicroelectronics ST72340 Datasheet HTML 167Page - STMicroelectronics ST72340 Datasheet HTML 168Page - STMicroelectronics ST72340 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 191 page
background image
ST72340, ST72344, ST72345
165/191
EMC CHARACTERISTICS (Cont’d)
13.9.3 Absolute Maximum Ratings (Electrical
Sensitivity)
Based on two different tests (ESD and LU) using
specific measurement methods, the product is
stressed in order to determine its performance in
terms of electrical sensitivity. For more details, re-
fer to the application note AN1181.
13.9.3.1 Electro-Static Discharge (ESD)
Electro-Static Discharges (a positive then a nega-
tive pulse separated by 1 second) are applied to
the pins of each sample according to each pin
combination. The sample size depends on the
number of supply pins in the device (3 parts*(n+1)
supply pin). Human Body Model can be simulated.
This test conforms to the JESD22-A114A/A115A
standard.
Absolute Maximum Ratings
Note:
1. Data based on characterization results, not tested in production.
13.9.3.2 Static and Dynamic Latch-Up
■ LU: 3 complementary static tests are required
on 6 parts to assess the latch-up performance.
A supply overvoltage (applied to each power
supply pin) and a current injection (applied to
each input, output and configurable I/O pin) are
performed on each sample. This test conforms
to the EIA/JESD 78 IC latch-up standard. For
more details, refer to the application note
AN1181.
■ DLU: Electro-Static Discharges (one positive
then one negative test) are applied to each pin
of 3 samples when the micro is running to
assess the latch-up performance in dynamic
mode. Power supplies are set to the typical
values, the oscillator is connected as near as
possible to the pins of the micro and the
component is put in reset mode. This test
conforms to the IEC1000-4-2 and SAEJ1752/3
standards. For more details, refer to the
application note AN1181.
Electrical Sensitivities
Symbol
Ratings
Conditions
Maximum value 1) Unit
VESD(HBM)
Electro-static discharge voltage
(Human Body Model)
TA=+25°C
>2000
V
Symbol
Parameter
Conditions
Class
LU
Static latch-up class
TA=+25°C
TA=+85°C
A
A
DLU
Dynamic latch-up class
VDD=5.5V, fOSC=4MHz, TA=+25°C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com