Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 169 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 165Page - STMicroelectronics ST72340 Datasheet HTML 166Page - STMicroelectronics ST72340 Datasheet HTML 167Page - STMicroelectronics ST72340 Datasheet HTML 168Page - STMicroelectronics ST72340 Datasheet HTML 169Page - STMicroelectronics ST72340 Datasheet HTML 170Page - STMicroelectronics ST72340 Datasheet HTML 171Page - STMicroelectronics ST72340 Datasheet HTML 172Page - STMicroelectronics ST72340 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 191 page
background image
ST72340, ST72344, ST72345
169/191
I/O PORT PIN CHARACTERISTICS (Cont’d)
Figure 102. Typical VOL vs. VDD (std I/Os, 2mA)
Figure 103. Typical VOL vs. VDD (std I/Os, 6mA)
Figure 104. Typical VOL vs. VDD (HS I/Os,
Iio=8mA)
Figure 105. Typical VOL vs. VDD (HS I/Os,
Iio=2mA)
Figure 106. Typical VOL vs. VDD (HS I/Os,
Iio=12mA)
Figure 107. Typical VDD-vOH at vDD=2.4V (std
I/Os)
Figure 108. Typical VDD-VOH at VDD=3V (std
I/Os)
0
200
400
600
800
1000
2.4
2.6
2.8
3
5
Ilo (mA)
-45°C
25°C
90°C
130°C
0
100
200
300
400
500
2.5
3
3.5
4
5
Ilo (mA)
-45°C
25°C
90°C
130°C
0
200
400
600
800
1000
2.4
2.6
2.8
3
5
Ilo (mA)
-45°C
25°C
90°C
130°C
0
40
80
120
160
200
2.53
3.54
5
Ilo (mA)
-45°C
25°C
90°C
130°C
0
200
400
600
800
000
2.4
2.6
2.8
3
5
Ilo (mA)
-45°C
25°C
90°C
130°C
0
200
400
600
800
1000
1200
1400
0
-2
-4
-6
-8
-10 -12 -14 -16 -18 -20
ILOAD (mA)
-45°C
25°C
90°C
130°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com