Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 163 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 163 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 159Page - STMicroelectronics ST72340 Datasheet HTML 160Page - STMicroelectronics ST72340 Datasheet HTML 161Page - STMicroelectronics ST72340 Datasheet HTML 162Page - STMicroelectronics ST72340 Datasheet HTML 163Page - STMicroelectronics ST72340 Datasheet HTML 164Page - STMicroelectronics ST72340 Datasheet HTML 165Page - STMicroelectronics ST72340 Datasheet HTML 166Page - STMicroelectronics ST72340 Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 191 page
background image
ST72340, ST72344, ST72345
163/191
13.8 MEMORY CHARACTERISTICS
TA = -40°C to 85°C, unless otherwise specified
13.8.1 RAM and Hardware Registers
13.8.2 FLASH Program Memory
13.8.3 EEPROM Data Memory
Notes:
1. Minimum VDD supply voltage without losing data stored in RAM (in HALT mode or under RESET) or in hardware reg-
isters (only in HALT mode). Guaranteed by construction, not tested in production.
2. Up to 32 bytes can be programmed at a time.
3. The data retention time increases when the TA decreases.
4. Data based on reliability test results and monitored in production.
5. Data based on characterization results, not tested in production.
6. Guaranteed by Design. Not tested in production.
7. Design target value pending full product characterization.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode 1)
HALT mode (or RESET)
1.6
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating voltage for Flash write/erase
Refer to operating range of
VDD with TA, Section 13.3.1
on page 154
2.7
5.5
V
tprog
Programming time for 1~32 bytes 2)
TA=−40 to +85°C
5
10
ms
tRET
Data retention 4)
TA=+55°C
3)
20
years
NRW
Write erase cycles
TA=+25°C
10K 7)
cycles
IDD
Supply current 6)
Read / Write / Erase modes
fCPU = 8MHz, VDD = 5.5V
2.6
mA
No Read/No Write Mode
100
µA
Power down mode / HALT
0
0.1
µA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating voltage for EEPROM
write/erase
Refer to operating range of VDD with
TA, Section 13.3.1 on page 154
2.7
5.5
V
tprog
Programming time for 1~32
bytes
TA=−40 to +85°C
5
10
ms
tret
Data retention 4)
TA=+55°C
3)
20
years
NRW
Write erase cycles
TA=+25°C
300K 7)
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com